Electronic Components Datasheet Search
  English  ▼

X  

WB21 Datasheet(PDF) 5 Page - ASM GmbH

Part # WB21
Description  Analog Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB21 Datasheet(HTML) 5 Page - ASM GmbH

  WB21 Datasheet HTML 1Page - ASM GmbH WB21 Datasheet HTML 2Page - ASM GmbH WB21 Datasheet HTML 3Page - ASM GmbH WB21 Datasheet HTML 4Page - ASM GmbH WB21 Datasheet HTML 5Page - ASM GmbH WB21 Datasheet HTML 6Page - ASM GmbH WB21 Datasheet HTML 7Page - ASM GmbH WB21 Datasheet HTML 8Page - ASM GmbH WB21 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
WB21
BAB1
DB-WB21-E-2013-11
5/21
© ASM GmbH
www.asm-sensor.com
POSITAPE®
WB21
DigitaloutputCAN
Specifications
Output
CANopen or
CAN SAE J1939
Resolution
setting via CAN Bus
Linearity
±0.10 % f.s.; optional ±0.05 %
Sensing device
Magnetic absolute encoder
Material
Aluminium, plastic and stainless steel;
Tape: stainless steel, 10 mm wide, 0.08 mm thick
Protection class
IP67/IP69K (with mating connector)
Connection
Connector M12, 5 pin
Shock
EN 60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
EMC, temperature
Refer to output specification
Positionsensorwithmeasuringtape
• Measurementrangeupto20,000mm
• ProtectionclassIP67/IP69K
• Stainlesssteelmeasuringtape
• DigitaloutputCANopenor
CANSAEJ1939
• OptionalredundantCANBus(ondemand)
BestellcodeWB21




Modelname
Measurementrange(inmm)
8000 / 10000 / 12500 / 15000 / 20000
Output
MCANOP
= CANopen
MCANJ1939= CAN SAE J1939
Linearity
L10
= 0.10% (standard)
L05
= 0.05% (optional)
Connection
M12/CAN
= Connector M12, 5 pin
Dustwiper
BAB1
Orderexample:WB21-8000-MCANOP-L10-M12/CAN-BAB1
Ordercodeconnectorcableseepage20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com