Electronic Components Datasheet Search
  English  ▼

X  

WS19KT Datasheet(PDF) 9 Page - ASM GmbH

Part # WS19KT
Description  Absolute Encoder Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS19KT Datasheet(HTML) 9 Page - ASM GmbH

Back Button WS19KT Datasheet HTML 4Page - ASM GmbH WS19KT Datasheet HTML 5Page - ASM GmbH WS19KT Datasheet HTML 6Page - ASM GmbH WS19KT Datasheet HTML 7Page - ASM GmbH WS19KT Datasheet HTML 8Page - ASM GmbH WS19KT Datasheet HTML 9Page - ASM GmbH WS19KT Datasheet HTML 10Page - ASM GmbH WS19KT Datasheet HTML 11Page - ASM GmbH WS19KT Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
68
CAT-WS-E-09
ASM GmbH
www.asm-sensor.com
POSIWIRE®
HPROF
Absolute Profibus Encoder
Interface HPROF
Absolute encoder
Profibus
Excitation voltage
10 ... 30 V DC
Excitation current
250 mA
Interface
RS485
Protocol
Profibus DP with encoder profile C2
Resolution
12 (10 ... 14) + 12 bit
Output code
Binary
Baud rate
Automatically selected between 9,6 kBaud and
12 MBaud
Programmability
Resolution, preset, direction
Integrated special functions
Velocity, acceleration, operating time
Bus terminating resistor
Selectable via DIP switch
Connection
Bus cover with T manifold
EMC
EN 61326: class A
Signal wiring
Signal name
Cable terminal no. (bus cover)
U
B in
1
0V in
2
U
B out
3
0V out
4
B in
5
A in
6
B out
7
A out
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com