Electronic Components Datasheet Search
  English  ▼

X  

P6173 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # P6173
Description  17 SXGA TFT Industrial LCD Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6173 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  P6173 Datasheet HTML 1Page - Axiomtek Co., Ltd. P6173 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
616
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
4
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Optional Accessories
Dimensions
Input Signal
VGA Video: R.G.B Analog 0.7v Peak-to-Peak
DVI (Only for DVI-D)
Touchscreen: Serial RS-232 or USB
Video (optional)
S-Video (optional)
I/O Connectors
1 x RS-232 or USB for touchscreen version
1 x VGA input
1 x RCA for video (optional)
1 x S-Video for video (optional)
1 x DVI
1 x Screw-type DC power input
Power Adapter
Screw-type external AC / DC power adapter
Touchscreen
Thickness
Resistive: 3.2 mm
Light Transmission
Resistive: 80%
Power Consumption Resistive: +5V @ 100mA
Touch Life
Resistive: 35million touches
Controller interface: RS-232 D-type
9-pin male connector or USB
Dimensions
482 mm (19") (W) x 60 mm (2.36") (D)
x 360 mm (14.2") (H)
Packing Dimensions
610 mm (24.02") (W) x 260 mm (10.24") (D) x 590 mm
(23.23") (H)
Weight (net/gross)
5.5 kg (12.12 lb)/12.7 kg (28 lb)
Environment
Operating temperature: 0° ~ +55°C (+32°F ~ +131°F)
Storage temperature: -20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 20%~90%@40°C, non-condensing
Certificate
CE
P6173
AC Power
Panel Mount Monitor
Resistive (RS-232)
P6173PR-AC-RS-V3-RC-US-EU
Resistive (USB)
P6173PR-AC-U-V3-RC-US-EU
Glass
P6173PG-AC-V3-RC-US-EU
24VDC Power
Panel Mount Monitor
Resistive (RS-232)
P6173PR-24VDC-RS-V3-RC
Resistive (USB)
P6173PR-24VDC-U-V3-RC
Glass
P6173PG-24VDC-V3-RC
P6173L (Input: VGA and DVI only)
AC Power
Panel Mount Monitor
Resistive (RS-232)
P6173LPR-AC-RS-V3-RC-US-EU
Resistive (USB)
P6173LPR-AC-U-V3-RC-US-EU
Glass
P6173LPG-AC-V3-RC-US-EU
24VDC Power
Panel Mount Monitor
Resistive (RS-232)
P6173LPR-24V-DC-RS-V3-RC
Resistive (USB)
P6173LPR-24V-DC-RS-V3-RC
Glass
P6173LPG-24V-DC-V3-RC
* Specification and certifications are based on options and may vary.
ARM-VM-101
VESA ARM (clamp type)
ARM-VM-105
VESA ARM (wall mount type)
Wall mounting & desktop stand
Stand kit
Various mounting ways: panel/ wall/ VESA
Screw-type power input
Phoenix-type power input



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com