Electronic Components Datasheet Search
  English  ▼

X  

PICO121 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO121
Description  1 DDR3/3L SO-DIMM supports up to 8 GB memory capacity
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO121 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO121 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
141
* All specifications and photos are subject to change without notice.
Features
PICO121
AMD Embedded G-Series SoC Pico ITX
SBC with VGA/LVDS, LAN & Audio
● AMD Embedded GX-210JA SoC (1.0 GHz)
● 1 DDR3/3L SO-DIMM supports up to 8 GB memory capacity
● 4 USB 2.0 ports, 2 COM ports
● Supports half-size PCIe Mini Card and full-size PCIe Mini Card
with mSATA
● DASH supported
I/O
System
Ordering Information
Packing List
Standard
PICO121VGA-GX210JA
(P/N: E38H121101)
AMD embedded GX-210JA SoC 1.0 GHz Pico-ITX SBC with
VGA/LVDS, GbE LAN, audio and 4 USB 2.0
Optional
Standard
Quick installation guide, User’s Manual/Utility CD and accessories
Accessories
Part Number
Description
85932771000E
AX93277 I/O board
85932671000E
AX93267 I/O board
59403208000E
SATA cable
594P8800600E
SATA power cable
5078H121010E
Heatspreader
5078H100200E
Heatsink
Display
MIO
1 x RS-232/422/485
1 x RS-232
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port as 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Realtek RTL8111DP
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
N/A
Chipset
AMD G-Series Embedded SoC integrated Gfx graphic engine
GX-210JA - Radeon™ HD8180
Memory Size
AMD RadeonTM HD8180
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
CPU
AMD Embedded GX-210JA SoC 1.0 GHz dual core onboard
System Memory
1 x 204-pin DDR3/3L- 1066/1333 SO-DIMM max. up to 8 GB
Chipset
SoC integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
1 x Half-size PCI Express Mini Card
1 x PCIe x1, 1 x DP, 2 x USB 3.0 (through expansion connector)
Battery Lithium
Lithium 3V/220mAH
Power Input
1 x 4-pin connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
AMD G-Series Embedded SoC GX-210JA @1.0 GHz 8 GB DDR3
Max. RMS: +12V @ 0.8A
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
I/O board
RS-232/422/485 RS-232 USB 2.0 USB 3.0
DP
2nd LAN
AX93278
(P/N:E393278100)
1
1
2
2
HDMI
Yes
Ethernet
SATA
VGA
LVDS
+12V Power Input
Audio, 4 x USB 2.0, 2 x COM,
Power on/off, reset, LED
2 x USB 3.0, 1 x PCIe x1, DP
Assembly view
Rear view
Half-size PCI
Express Mini
Card
Full-size PCI
Express Mini
Card w/mSATA
supported
Red LED: HDD
Green LED: power-on
Red LED: HDD
Green LED: power-on
Reset
Reset
Power-on
Power-on
COM 1
COM 1
USB 2.0
HDMI
USB 2.0
COM 2
COM 2
Audio
USB 3.0 Ethernet
DDR3/3L SO-DIMM
AX93278
AX93277
Low Power
DDR3
DDR3
DDR3
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
Full Solid
Cap Design
DualView
Fanless
+12V


Similar Part No. - PICO121

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO121 AXIOMTEK-PICO121_17 Datasheet
370Kb / 1P
Pico ITX SBC with AMD Embedded G-Series SoC, VGA/LVDS, LAN and Audio
More results

Similar Description - PICO121

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA112 AXIOMTEK-CAPA112_14 Datasheet
572Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_14 Datasheet
485Kb / 2P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO101 AXIOMTEK-NANO101_14 Datasheet
486Kb / 2P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831 AXIOMTEK-PICO831_14 Datasheet
769Kb / 2P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
EP100 AXIOMTEK-EP100_16 Datasheet
330Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA110 AXIOMTEK-CAPA110_16 Datasheet
239Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA830 AXIOMTEK-CAPA830_16 Datasheet
358Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_16 Datasheet
332Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO831 AXIOMTEK-NANO831_16 Datasheet
367Kb / 1P
1 DDR3 SO-DIMM supports up to 2 GB memory capacity
PICO100 AXIOMTEK-PICO100_16 Datasheet
373Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com