Electronic Components Datasheet Search
  English  ▼

X  

GS2989 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2989 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS2989 Datasheet HTML 9Page - Gennum Corporation GS2989 Datasheet HTML 10Page - Gennum Corporation GS2989 Datasheet HTML 11Page - Gennum Corporation GS2989 Datasheet HTML 12Page - Gennum Corporation GS2989 Datasheet HTML 13Page - Gennum Corporation GS2989 Datasheet HTML 14Page - Gennum Corporation GS2989 Datasheet HTML 15Page - Gennum Corporation GS2989 Datasheet HTML 16Page - Gennum Corporation GS2989 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
GS2989 Dual-Slew-Rate, Dual-Output Cable Driver
with 3Gb/s Capability
Data Sheet
52133 - 4
December 2010
13 of 19
In order to determine the best starting value for Rset, the following formula should be
used:
Rset = 8*(Rtrm/VoutppSE)
Where VoutppSE is in Volts, and both resistances are in Ω.
Rtrm
is the value of the termination resistors, which should be equal to the
characteristic impedance of the cable, and is typically 75Ω.
The cable must be short (≤1m), and terminated at both ends for the formula to be valid.
Example: For a 75Ω cable, Rtrm = 75Ω (at both ends), VoutppSE = 800mV
Rset = 8*(75/0.8) = 750Ω
This formula is not valid for long, unterminated, or improperly terminated cables.
This formula should be considered as a starting point, and actual swing values may vary
based on layout. Also, for large output swings (>1040mV), smaller Rset values may be
required in order to achieve the desired output swing level at HD and 3G data rates.
4.7 Output Return Loss Measurement
The GS2989 has a feature which allows users to measure ORL reliably while the device
is still powered. The device can be put into a BALANCE mode which prevents the
outputs from toggling while the device is powered on, allowing the ORL to be measured
while the device is still powered.
When EQ_EN is LOW while SD/HD is HIGH, the device goes into BALANCE mode. This
mode is used during ORL measurement, disabling the AC signal path of the device
without powering it down. When in BALANCE mode, the device produces equal
pull-down currents in both differential shoulders of both serial data differential outputs,
effectively stopping all outputs at the output common mode voltage level. Gennum
recommends using BALANCE mode when measuring ORL with 2.5V termination
voltage.
Table 4-5: Typical RSET Values
Output Swing (mV)
RSET (Ω)
1800*
332
800
750
500
1210
*NOTE: In order to generate output swings greater than 1040mV, VCC_TERM must be
connected to a 5V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com