Electronic Components Datasheet Search
  English  ▼

X  

PICO841 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO841
Description  1 DDR3L SO-DIMM supports up to 8GB memory capacity
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO841 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO841 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
136
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
PICO841
Features
Intel® Atom™ Processor E3845/E3827
Pico-ITX SBC with LVDS/VGA, LAN & Audio
● Intel® Atom™ processor E3845/E3827
● 1 DDR3L SO-DIMM supports up to 8GB memory capacity
● 4 USB 2.0 ports
● 2 COM ports
● 2 PCI Express Mini Cards
I/O
System
Ordering Information
Standard
PICO841VGA-E3845
(P/N: E38H841104)
Pico-ITX SBC with Intel® Atom™ processor E3845
(1.91 GHz, 2 MB Cache, 10W), VGA/LVDS, 1 GbE LAN, audio
and gift box
PICO841VGA-E3827
(P/N: E38H841105)
Pico-ITX SBC with Intel® Atom™ processor E3827
(1.75 GHz, 1 MB Cache, 8W), VGA/LVDS, 1 GbE LAN, audio
and gift box
Display
Packing List
CPU
Intel® Atom™ processor E3845 quad core, E3827 dual core
onboard (Bay Trail)
System Memory
1 x 204-pin DDR3L-1066/1333 SO-DIMM max. up to 8 GB
Chipset
SoC integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
1 x Half-size PCI Express Mini Card
Battery Lithium
Lithium 3V/220mAH
Power Input
1 x 4-pin connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Atom™ E3845 @ 1.91 GHz, 8 GB DDR3L
Max. RMS: +12V @ 1.49A
Intel® Atom™ E3827 @ 1.75 GHz, 8 GB DDR3L
Max. RMS: +12V @ 1.31A
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
2 x RS-232/422/485
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
NA
TPM
ST ST33TPM12LPC with TPM 1.2 compliant
Chipset
Intel® HD Graphics
Memory Size
Share System memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
Assembly view
Rear view
Half-size PCI
Express Mini Card
Full-size PCI Express
Mini Card w/mSATA
supported
SIM slot
DDR3L SO-DIMM
Ethernet
VGA
+12V power input
COM 1/2
USB 2.0 1/2/3/4
Poweron/off, reset, LED
LVDS
Audio
SATA
Standard
Quick installation guide, User’s Manual/Utility CD and cable
Accessories
Part Number
Description
Qty
85932831000E
AX93283 I/O board
1
85932671000E
AX93267 I/O board
1
59406308010E
SATA cable
1
59405300610E
SATA power cable
1
5078H841000E
Heatspreader
1
5078H100200E
Heatsink
1
DDR3L
DDR3L
DDR3L
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Low Power
DualView


Similar Part No. - PICO841

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO841 AXIOMTEK-PICO841 Datasheet
298Kb / 1P
Pico-ITX SBC with Intel Atom® Processor E3845, LVDS/VGA, LAN and Audio
Aug. 10, 2021.
PICO841VGA-E3845 AXIOMTEK-PICO841VGA-E3845 Datasheet
298Kb / 1P
Pico-ITX SBC with Intel Atom® Processor E3845, LVDS/VGA, LAN and Audio
Aug. 10, 2021.
PICO841 AXIOMTEK-PICO841_17 Datasheet
302Kb / 1P
Pico-ITX SBC with Intel Atom Processor E3845/E3827, LVDS/VGA, LAN and Audio
PICO841 AXIOMTEK-PICO841_V01 Datasheet
298Kb / 1P
Pico-ITX SBC with Intel Atom® Processor E3845, LVDS/VGA, LAN and Audio
Aug. 10, 2021.
More results

Similar Description - PICO841

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO840 AXIOMTEK-PICO840 Datasheet
276Kb / 1P
1 DDR3L SO-DIMM supports up to 8GB memory capacity
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO842 AXIOMTEK-PICO842 Datasheet
350Kb / 1P
1 DDR3L SO-DIMM supports up to 8GB memory capacity
CAPA841 AXIOMTEK-CAPA841_16 Datasheet
446Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA842 AXIOMTEK-CAPA842_16 Datasheet
348Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA848 AXIOMTEK-CAPA848 Datasheet
326Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO840 AXIOMTEK-NANO840 Datasheet
394Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO840 AXIOMTEK-PICO840_16 Datasheet
384Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_16 Datasheet
296Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com