Electronic Components Datasheet Search
  English  ▼

X  

1024063 Datasheet(PDF) 6 Page - SICK AG

Part # 1024063
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1024063 Datasheet(HTML) 6 Page - SICK AG

  1024063 Datasheet HTML 1Page - SICK AG 1024063 Datasheet HTML 2Page - SICK AG 1024063 Datasheet HTML 3Page - SICK AG 1024063 Datasheet HTML 4Page - SICK AG 1024063 Datasheet HTML 5Page - SICK AG 1024063 Datasheet HTML 6Page - SICK AG 1024063 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG2-1780F212 | MLG
MEASURING AUTOMATION LIGHT GRIDS
6
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Recommended accessories
Other models and accessories
www.sick.de/MLG
Brief description
Type
Part no.
Mounting brackets and mounting plates
Side mounting with T-nuts, 4 pieces, mounting hardware included
BEF-NUT-MLG
2023696
Metal mounting bracket, compact, steel, zinc coated, Set, consisting of 4 pieces, without
mounting hardware
BEF-WK-XLG
2029100
Terminal and alignment brackets
4 pieces, Mounting kit 1, rotatable, swivel mount, plastic
BEF-2SMKEAKU4
2019649
Adapters and distributors
Male connector M12, 8-pin, straight, to 1 x female connector M12, 8-pin, straight and
1 x female connector M12, 8-pin, straight
SBO-02F12-SM
6029306
Plug connectors and cables
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PVC, shielded, 2 m
DOL-1208-G02MA
6020633
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PVC, shielded, 5 m
DOL-1208-G05MA
6020993
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PVC, shielded, 10 m
DOL-1208-G10MA
6022152
Head A: female connector, M12, 8-pin, angled
Head B: cable
Cable: PVC, shielded, 2 m
DOL-1208-W02MA
6020992
Head A: female connector, M12, 8-pin, angled
Head B: cable
Cable: PVC, shielded, 5 m
DOL-1208-W05MA
6021033
Head A: female connector, M8, 4-pin, straight
Head B: female connector, D-Sub, 9-pin, straight
Cable: unshielded, 2 m
Rectangular plug-in system, parameterization cable
DSL-8D04-G02M
2023695
Head A: female connector, M12, 8-pin, straight
Head B: male connector, M12, 8-pin, straight
Cable: drag chain use, PUR, halogen-free, shielded, 2 m
DSL-1208-G02MAC
6030121
Head A: female connector, M12, 8-pin, straight
Head B: male connector, M12, 8-pin, straight
Cable: drag chain use, PUR, halogen-free, shielded, 5 m
DSL-1208-G05MAC
6032325
Head A: female connector, M12, 8-pin, straight
Head B: male connector, M12, 8-pin, straight
Cable: drag chain use, PUR, halogen-free, shielded, 10 m
DSL-1208-G10MAC
6034901



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com