Electronic Components Datasheet Search
  English  ▼

X  

1041246 Datasheet(PDF) 4 Page - SICK AG

Part # 1041246
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1041246 Datasheet(HTML) 4 Page - SICK AG

  1041246 Datasheet HTML 1Page - SICK AG 1041246 Datasheet HTML 2Page - SICK AG 1041246 Datasheet HTML 3Page - SICK AG 1041246 Datasheet HTML 4Page - SICK AG 1041246 Datasheet HTML 5Page - SICK AG 1041246 Datasheet HTML 6Page - SICK AG 1041246 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG2-1780I812 | MLG
MEASURING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
1
2
3
4
5
6
16.5
(0.65)
29
(1.14)
34
(1.34)
A
B
Distance: MLG edge – first beam
Beam separation MLG1
10 mm
49 (1.93)
160 (6.30)
Beam separation MLG2
49 (1.93) 1)
20 mm
59 (2.32) 2)
170 (6.69)
Beam separation MLG3
30 mm
69 (2.72)
180 (7.09)
Beam separation MLG5
50 mm
89 (3.50)
200 (7.87)
1) With even number of beams.
2) With odd number of beams.
①  Detection height (see optical performance)
②  Beam separation (10, 20, 30, 50 mm)
③  Status indicator: green, yellow, red LEDs
④  Indicator panel, 7-segment display
⑤  Terminals: M16 cable entry/connector M12, 12-pin
⑥  Configuration connector M8, 4-pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com