Electronic Components Datasheet Search
  English  ▼

X  

760875112 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 760875112
Description  WE-UOST Universal Offline Standard Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

760875112 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  760875112 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 760875112 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 760875112 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 760875112 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 760875112 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.4
1.3
1.2
1.1
1.0
REV
2014-02-18
2013-04-29
2012-12-10
2012-10-29
2012-08-01
DATE
SSt
SSt
SSt
SSt
SSt
BY
SSt
SSt
SSt
TBr
TBr
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-UOST Universal Offline Standard
Transformers
Order.- No.
760875112
SIZE
A4
Size: EE16/8/5 SMD
D2 Application Properties:
Properties
Input voltage
Output voltage 1
Output current 1
Output voltage 2
Output current 2
Auxiliary voltage
Switching frequency
Ui
UO1
IO1
UO2
IO2
Uaux
fswitch
Value
85-265
5.0
1.50
5.0
1.50
14.0
60-150
Unit
V (AC)
V
A
V
A
V
kHz
F1 Typical Inductance vs. Current Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com