Electronic Components Datasheet Search
  English  ▼

X  

SPP18P06P Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP18P06P
Description  SIPMOS Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP18P06P Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPP18P06P Datasheet HTML 1Page - Infineon Technologies AG SPP18P06P Datasheet HTML 2Page - Infineon Technologies AG SPP18P06P Datasheet HTML 3Page - Infineon Technologies AG SPP18P06P Datasheet HTML 4Page - Infineon Technologies AG SPP18P06P Datasheet HTML 5Page - Infineon Technologies AG SPP18P06P Datasheet HTML 6Page - Infineon Technologies AG SPP18P06P Datasheet HTML 7Page - Infineon Technologies AG SPP18P06P Datasheet HTML 8Page - Infineon Technologies AG SPP18P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1999-11-22
Page 7
SPP18P06P
SPB18P06P
Preliminary data
Drain-source on-state resistance
RDS(on) = f (Tj)
parameter :
ID = -13.2 A, VGS = -10 V
-60
-20
20
60
100
140
°C
200
Tj
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
W
0.38
SPP18P06P
typ
98%
Gate threshold voltage
VGS(th) = f (Tj)
parameter:
VGS = VDS, ID = -1 mA
-60
-20
20
60
100
140
V
200
Tj
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
-3.2
-3.6
-4.0
-4.4
V
-5.0
min
typ
max
Typ. capacitances
C = f (VDS)
parameter:
VGS=0V, f=1 MHz
0
-5
-10
-15
-20
-25
V
-35
VDS
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss
Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4 V
-3.0
VSD
-1
-10
0
-10
1
-10
2
-10
A
SPP18P06P
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 175 °C typ
T
j = 175 °C (98%)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com