Electronic Components Datasheet Search
  English  ▼

X  

SC4541 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4541 Datasheet HTML 5Page - Semtech Corporation SC4541 Datasheet HTML 6Page - Semtech Corporation SC4541 Datasheet HTML 7Page - Semtech Corporation SC4541 Datasheet HTML 8Page - Semtech Corporation SC4541 Datasheet HTML 9Page - Semtech Corporation SC4541 Datasheet HTML 10Page - Semtech Corporation SC4541 Datasheet HTML 11Page - Semtech Corporation SC4541 Datasheet HTML 12Page - Semtech Corporation SC4541 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SC4541
9
Pin Descriptions
Pin #
MLPD-WL6
Pin #
SOT23-6
Pin Name
Pin Function
1
3
IN
Input supply pin — add a ceramic capacitor between this pin and ground.
2
2
GND
Ground pin — connect to external ground plane.
3
1
SW
Collector of the internal power transistor — connect this pin to the boost inductor.
4
6
OUT
Output voltage pin — this pin is the output of the internal Schottky diode. Connect this pin to a
ceramic output (1µF typical) capacitor and current sense resistor.
5
5
FB
LED current feedback pin — connect this pin to anode of the topmost LED in the string and
the current sense resistor to set the total current in the LED string(s). LED current is set by :
200/R
SENSE (mA), where RSENSE is in Ohms.
6
4
EN
Enable and PWM control pin for LED string — pulling this pin logic high enables the device.
T
N/A
Thermal Pad
Pad for heat sinking purposes — connect to the external ground plane using multiple vias
when using MLPD-UT6 package. Not electrically connected internally. The SOT23-6 does not
have a thermal pad.
Block Diagram
+
-
+
-
+
-
200mV
Slope
Comp
R
S
Q
PWM
1.25V
OVP
EN
VIN
SW
OUT
GND
Rc
Cc
Bandgap
Reference
1.25V
Osc
Q1
FB
Error Amplifier
RSENSE
EN
2MHz
6
1
3
2
4
5
+
-
+
-
A = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com