Electronic Components Datasheet Search
  English  ▼

X  

SC4808B Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4808B
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4808B Datasheet HTML 14Page - Semtech Corporation SC4808B Datasheet HTML 15Page - Semtech Corporation SC4808B Datasheet HTML 16Page - Semtech Corporation SC4808B Datasheet HTML 17Page - Semtech Corporation SC4808B Datasheet HTML 18Page - Semtech Corporation SC4808B Datasheet HTML 19Page - Semtech Corporation SC4808B Datasheet HTML 20Page - Semtech Corporation SC4808B Datasheet HTML 21Page - Semtech Corporation SC4808B Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
The instability can be corrected by modification of the peak
current information slope. One of the methods to alter the
peak current information is to add a positive going ramp to
the output of the current sensing circuitry.
The SC4808 achieves this by using an internal slope com-
pensation circuit. The oscillator ramp is internally buffered
and an internal 25kOhms resistor in conjunction with an
external resistor at the CS pin will program the level of slope
compensation.
Rosc
15k
R
10k
200p
Cosc
RSlope Comp
2.2u,16V
C
82p
Cfilter
D
REF
Rsense
SC4808
4
5
3
2
1
6
7
FB
REF
CS
RC
SYNC
GND
N = 100
25k
Current Transformer
RSlope Comp value will determine the Mode of operation (Voltage or Current)
The Peak current information is sensed and the result is
realistically summed to the buffered oscillator ramp, as
shown above. The value of the external resistor R
slope comp
will determine the percentage of the slope compensation.
As the value for R
slope comp is reduced, the current informa-
tion becomes more dominant and the mode of operation
becomes more current mode. At the same time the slope
of the current information is modified to provide the slope
compensation.
If the R
slope comp is increased, the internal ramp becomes the
dominant signal and more voltage mode of operation is
Application Information (Cont.)
achieved. As it can be calculated from the second formula
below, a 100% voltage mode operation can be achieved by
choosing R
slope comp to be greater than 6.25K ohms. Also if a
100% current mode of operation is required, R
slope comp is
reduced to zero and the contribution from the internal ramp
is completely eliminated.
()
()
CS
ernal
int
sense
Comp
_
slope
sense
Comp
_
slope
Ramp
V
R
R
R
R
R
V
Comp
_
Slope
%
+
+
+
×
=
or
()
()
×
−
×
•
≅
Comp
_
slope
%
2
.
0
1
Comp
_
slope
%
2
.
0
R
R
ernal
int
external
Next page illustrates how the buffered oscillator ramp is
used to modify the sensed inductor current.
It should be noted that in order for the slope compensa-
tion to be effective, the current sensed signal slope should
be at least 50% less steeper than the oscillator positive
ramp slope. The slope will include the magnetizing current
of the transformer and the inductor output current in iso-
lated applications. In non-isolated applications, the slope
will only include the inductor output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com