Electronic Components Datasheet Search
  English  ▼

X  

SC4910BITSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4910BITSTRT
Description  High Performance Secondary Side Controller with Synchronous Rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4910BITSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC4910BITSTRT Datasheet HTML 1Page - Semtech Corporation SC4910BITSTRT Datasheet HTML 2Page - Semtech Corporation SC4910BITSTRT Datasheet HTML 3Page - Semtech Corporation SC4910BITSTRT Datasheet HTML 4Page - Semtech Corporation SC4910BITSTRT Datasheet HTML 5Page - Semtech Corporation SC4910BITSTRT Datasheet HTML 6Page - Semtech Corporation SC4910BITSTRT Datasheet HTML 7Page - Semtech Corporation SC4910BITSTRT Datasheet HTML 8Page - Semtech Corporation SC4910BITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
www.semtech.com
SC4910A/B
High Performance Secondary Side
Controller with Synchronous Rectifier
POWER MANAGEMENT
Revision: June 1, 2005
Description
Features
Applications
Typical Application Circuit
Synchronous rectification with adaptive control
Programmable secondary side delay
Programmable switching frequency
Programmable max. duty cycle
Remote voltage sense capability
Close-loop soft start with active low shutdown
0.75V precision reference for low output applications
Oscillator sychronization
Undervoltage Lockout
Operation to 1MHz
Current-mode or voltage-mode operation
Single stage power conversion with multiphase link
capability (with SC4201)
Monotonic start-up with pre-biased output
Active current sharing capability
20 pin TSSOP package
The SC4910A/B is an integrated, full featured, second-
ary side controller designed for use in single ended and
isolated switch mode power supplies with synchronous
rectification where efficiency and fast transient response
are of primary concern. The SC4910A/B has outputs for
both primary FET and secondary synchronous rectifica-
tion. The primary drive output is designed to drive a small
and low cost pulse transformer to isolate the primary
FET driver. The secondary control makes it much easier
to monitor and control the system load with tight control
loops and implement load current sharing and synchro-
nous rectification.
The SC4910A/B features synchronous rectification, multi-
phase link capability, programmable secondary side
delay, programmable switching frequency and program-
mable maximum duty cycle. It is designed for either
current mode or voltage mode operation.
The SC4910A has a typical turn-on threshold of 9V and
the SC4910B has a threshold of 4.5V.
+12V
C4
LOAD
C6
T3
R3
C5
C1
M1
SC1301
M2
R8
C10
R4
R7
T2
C2
R2
R6
L1
D2
SC4910
18
17
11
12
6
4
8
7
20
19
3
1
15
2
5
10
FB
COMP
OUTB
ISHARE
PHASE
CS
OUTA
PGND
RT1
RT2
SS
-SENSE
DELAY
SYNC/EN
VREF
PVCC
M3
SC1301
D3
C8
+Vin
R1
C9
SC1301
R9
C3
D1
R5
T1
16
13
14
PVCC
AVCC
9
PGND
AGND
Telecom isolated DC to DC converters
Isolated VRMS
Networking power supplies
Industrial power supplies
Distributed power architectures
High density power modules


Similar Part No. - SC4910BITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4910BITSTRT SEMTECH-SC4910BITSTRT Datasheet
318Kb / 19P
High Performance Secondary Side Controller with Synchronous Rectifier
More results

Similar Description - SC4910BITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4910A SEMTECH-SC4910A Datasheet
318Kb / 19P
High Performance Secondary Side Controller with Synchronous Rectifier
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
Secondary-Side Synchronous Forward Controller
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
Secondary-Side Synchronous Rectifier Controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
Secondary Side Synchronous Rectifier Controller
logo
Diodes Incorporated
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com