Electronic Components Datasheet Search
  English  ▼

X  

ACS5S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACS5S
Description  Silicone Coated Axial Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACS5S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACS5S Datasheet HTML 1Page - List of Unclassifed Manufacturers ACS5S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
1/13.11
ACS5S ACS10S Silicone Coated
Axial Resistors
The design of the ACS resistor provides a good balance of power density,
stability and resistance to environment for a broad range of industrial power
applications, such as drives and controls.
• Good ratio between power capability and physical size
• Wound to maximise high pulse capability
• Low inductive versions available
• RoHS Compliant
Characteristics
Tolerance (Code):
Temperature coefficient:
Insulation resistance:
Dielectric withstand voltage:
Short time overload:
Load life:
Preferred value range:
± 1% (F), ± 5% (J)
Resistance wire ±20ppm
100V > 1000MR
500V
±(0.5% +0.1Ω) ∆R, 5 times power 5 seconds
±(1% +0.05Ω) ∆R, 1000 hours at rated load
E24 series standard, E12 for values >10K
Electrical Specifications
Type
Wattage
(W)
Operating Temperature
Max
Working
Voltage
(V)
Resistance
Inductive
Non-inductive
ACS5S
5W
-55°C to +275°C
157
R05 - 22K
R05 - 2K
ACS10S
10W
-55°C to +350°C
700
R1 - 30K
R1 - 5K
Dimensions (mm)
B (±1.5)
E (±0.8)
D (±0.02) C (±1)
ACS5S
12.7
4.78
0.8
35
ACS10S
44.2
8.52
1.0
35
C
E
BC
D
Ordering Procedure
Standard Resistor: Series, N for Non-inductive style, Resistance
Value, Tolerance, Packaging Style (TA or BULK for ACS5S)
eg. ACS5S 4K7 J / ACS5SN 2K J


Similar Part No. - ACS5S

ManufacturerPart #DatasheetDescription
logo
Partron
ACS5200HFAUWB PARTRON-ACS5200HFAUWB Datasheet
1Mb / 8P
Dielectric Chip Antenna
logo
Intersil Corporation
ACS521D INTERSIL-ACS521D Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
ACS521HMSR INTERSIL-ACS521HMSR Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
ACS521K INTERSIL-ACS521K Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
More results

Similar Description - ACS5S

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT-1 WILLOW-UT-1 Datasheet
408Kb / 2P
Silicone Coated Power Resistors
logo
Riedon Powertron
UB-1 RIEDON-UB-1 Datasheet
273Kb / 2P
Silicone Coated Power Resistors
UTL-1 RIEDON-UTL-1 Datasheet
86Kb / 1P
Silicone Coated Power Resistors
logo
Vishay Siliconix
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
09-Jan-12
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
24-Feb-12
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
MRB VISHAY-MRB Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com