Electronic Components Datasheet Search
  English  ▼

X  

KC-170 Datasheet(PDF) 1 Page - Protek Devices

Part # KC-170
Description  HIGH POWERED TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

KC-170 Datasheet(HTML) 1 Page - Protek Devices

  KC-170 Datasheet HTML 1Page - Protek Devices KC-170 Datasheet HTML 2Page - Protek Devices KC-170 Datasheet HTML 3Page - Protek Devices KC-170 Datasheet HTML 4Page - Protek Devices KC-170 Datasheet HTML 5Page - Protek Devices KC-170 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05459.R4 12/15
Page 1
K SERIES
HIGH POWERED TVS COMPONENT
FEATURES
• UL File Recognition #E208219
• Axial Lead Terminals
• High Current Capability
• Excellent Clamping Voltage
• Glass Passivated Junction
• Bidirectional Configuration
• Low Slope Resistance
• Repetition Rate (Duty Cycle): 0.01%
• Hazardous Substance Free
• RoHS Complaint (Exemption #7)
MECHANICAL CHARACTERISTICS
• Epoxy Encapsulated Axial Lead Device
• Approximate Weight: 3.35 grams
• High Temperature Soldering: 260°C / 10 seconds at Terminals
• Flammability Rating UL 94V-0
• Marking: Part Number
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
J
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
KA Series - Current Rating, Rated I
PP @ 8/20µs
I
PP
3
kA
KB Series - Current Rating, Rated I
PP @ 8/20µs
I
PP
6
kA
KC Series - Current Rating, Rated I
PP @ 8/20µs
I
PP
10
kA
K1 Series - Current Rating, Rated I
PP @ 8/20µs
I
PP
1
kA
KD Series - Current Rating, Rated I
PP @ 8/20µs
I
PP
15
kA
AXIAL LEAD
APPLICATIONS
• DC & AC Applications
• Remote Transmission Lines
• Industrial Wiring
Bidirectional


Similar Part No. - KC-170

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KC-170 SOCAY-KC-170 Datasheet
188Kb / 4P
Radial Lead Transient Voltage Suppressors
KC-170 SOCAY-KC-170 Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
KC-170 SOCAY-KC-170 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
KC-170 UNSEMI-KC-170 Datasheet
2Mb / 4P
10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - KC-170

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
high powered VSIP짰 tvs array
PAM08SD2305C PROTEC-PAM08SD2305C Datasheet
611Kb / 7P
HIGH POWERED TVS ARRAY
PAM09SD2305HP PROTEC-PAM09SD2305HP Datasheet
604Kb / 7P
HIGH POWERED TVS ARRAY
PSD03 PROTEC-PSD03_11 Datasheet
662Kb / 8P
HIGH POWERED TVS ARRAY
PSD05HP PROTEC-PSD05HP Datasheet
626Kb / 8P
HIGH POWERED TVS ARRAY
PAM26SD2305 PROTEC-PAM26SD2305 Datasheet
633Kb / 7P
HIGH POWERED TVS ARRAY
PSD03 PROTEC-PSD03_12 Datasheet
776Kb / 8P
HIGH POWERED TVS ARRAY
PSD05HP PROTEC-PSD05HP_12 Datasheet
738Kb / 8P
HIGH POWERED TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
HIGH POWERED VSIP짰 TVS ARRAY
PHYTVSXXXV4 PROTEC-PHYTVSXXXV4 Datasheet
648Kb / 6P
HYBRID TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com