Electronic Components Datasheet Search
  English  ▼

X  

AC16FSMA Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # AC16FSMA
Description  Isolated plastic package (modified TO-220AB)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AC16FSMA Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  AC16FSMA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AC16FSMA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AC16FSMA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AC16FSMA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AC16FSMA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC16DSMA,AC16FSMA
DESCRIPTION
The AC16DSMA and AC16FSMA are all diffused mold type
triac granted RMS on-state current 16 A, with rated voltages up
to 600 V.
FEATURES
• Isolated plastic package (modified TO-220AB)
• 150 A surge current
APPLICATIONS
• Motor speed control
• Lamp dimmer, temperature controllers
• Various solid state switches, etc.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
AC16DSMA
AC16FSMA
Unit
Remarks
Non-repetitive Peak Off-state Voltage
VDSM
500
700
V
−
Repetitive Peak Off-state Voltage
VDRM
400
600
V
−
RMS On-state Current
IT(RMS)
16 (TC = 68°C)
A
Refer to Figure 11.
Surge On-state Current
ITSM
A
Refer to Figure 2.
150 (50 Hz 1 cycle)
165 (60 Hz 1 cycle)
Fusing Current
∫ iT2dt
100 (1 ms
≤ t ≤ 10 ms)
A
2s
−
Critical Rate Rise of On-state Current
dIT/dt
50
A/
µs
−
Peak Gate Power Dissipation
PGM
5 (f
≥ 50 Hz, Duty ≤ 10%)
W
Refer to Figure 3.
Average Gate Power Dissipation
PG(AV)
0.5
W
Peak Gate Current
IGM
±3 (f
≥ 50 Hz, Duty ≤ 10%)
A
Junction Temperature
Tj
−40~+125
°C
−
Storage Temperature
Tstg
−55~+150
°C
−
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
12 3
Triac
1: T1
2: T2
3: Gate
Standard weight: 2 g
*
*
: TC test bench-mark
www.kersemi.com


Similar Part No. - AC16FSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC16FSMA NEC-AC16FSMA Datasheet
146Kb / 6P
16A MOLD ISOLATED TRIAC
More results

Similar Description - AC16FSMA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF80N08P KEC-KF80N08P Datasheet
29Kb / 1P
TO-220AB PACKAGE
KMB050N60P KEC-KMB050N60P Datasheet
15Kb / 1P
TO-220AB PACKAGE
KMB050N60PA KEC-KMB050N60PA Datasheet
422Kb / 1P
TO-220AB PACKAGE
KMB075N75P KEC-KMB075N75P Datasheet
15Kb / 1P
TO-220AB PACKAGE
KTC5027 KEC-KTC5027 Datasheet
12Kb / 1P
TO-220AB PACKAGE
MJE13005 KEC-MJE13005_06 Datasheet
12Kb / 1P
TO-220AB PACKAGE
MJE13007 KEC-MJE13007_06 Datasheet
12Kb / 1P
TO-220AB PACKAGE
logo
Continental Device Indi...
TO-220AB CDIL-TO-220AB Datasheet
242Kb / 6P
TO-220AB Leaded Plastic Package
ITO-220AB CDIL-ITO-220AB Datasheet
308Kb / 6P
ITO-220AB Isolated Leaded Plastic Package
logo
Teccor Electronics
EC103A TECCOR-EC103A Datasheet
984Kb / 12P
Electrically-isolated To-220AB package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com