Electronic Components Datasheet Search
  English  ▼

X  

CUT75 Datasheet(PDF) 1 Page - TDK Electronics

Part # CUT75
Description  Dual or Triple Output 75W Low Profi le Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CUT75 Datasheet(HTML) 1 Page - TDK Electronics

  CUT75 Datasheet HTML 1Page - TDK Electronics CUT75 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
129
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
CUT75 Series
Features
 3 x 5 x 1.06” footprint
 Output 1 isolated from outputs 2 & 3
 No minimum loading
 Convection Cooled
 Three year warranty
(1) Derate linearly to 60% load from 100VAC to 85VAC input
(2) Cycle AC to reset
(3) See derating curves in installation manual for all mounting orientatons
Dual or Triple Output 75W Low Profile Power Supplies
Model
CUT75-522
CUT75-5FF
AC Input Voltage (1)
VAC
85 - 265VAC
Input Frequency
Hz
47 - 63Hz
DC Input Voltage
VDC
120 - 370VDC (No safety certification)
Inrush Current (cold start)
A
18A at 100VAC, 36A at 200VAC
Power Factor
-
Meets EN61000-3-2
Input Current (100 / 200VAC)
A
2 / 1
Temp. Coefficient (-20 to +70°C)
-
V1: <0.02%/°C, V2 & 3 <0.03%/°C
Overcurrent Protection
-
> 105%
Overvoltage Protection (2)
V
V1: 5.7-7.0, V2: 13.8 - 18.8V
V1: 5.7-7.0, V2: 17.2 - 21.0V
Hold Up Time (115 / 230V input)
ms
20ms
Leakage Current (265VAC 50Hz)
mA
<0.3mA
Operating Temperature (3)
-
-20 to +70°C. Derate linearly to 60% load from +50 to +70°C
Storage Temperature
-
-30 to +85°C
Op. Humidity (non condensing)
-
5 - 95% RH
Cooling
-
Convection
Withstand Voltage
-
Input to Ground 2kVAC, Input to Output 3kVAC, Output to Ground 500VAC,
V1 to V2 / V3 500VAC for 1 min.
Isolation Resistance
-
>100M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz: 19.6m/s2 constant sweep 1 min X, Y, Z for 1 hour
Shock
-
< 196.1 m/s2 (20G)
Immunity
-
IEC61000-4-2 (lv 3, 4), -3 (lv3), -4 (lv 4), -5 (lv3, 4),
-6 (lv 3), -8 (lv 4), -11
Safety Agency Certifications
-
UL60950-1, CSA60950-1-07 (cTUVus), EN60950-1, CE Mark
Conducted & Radiated EMI
-
EN55011/EN55022-B, FCC--B
Weight (Typ)
g
210 (open frame version)
Size (WxLxH)
in (mm)
3 x 5 x 1.06” (76 x 127 x 27)
Warranty
-
Three Years
Specifications
Key Market Segments & Applications


Similar Part No. - CUT75

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CUT75-522 TDK-CUT75-522 Datasheet
227Kb / 2P
AC-DC Power Supplies
CUT75-522-A TDK-CUT75-522-A Datasheet
224Kb / 2P
AC-DC Power Supplies
CUT75-522-B TDK-CUT75-522-B Datasheet
224Kb / 2P
AC-DC Power Supplies
CUT75-522-T TDK-CUT75-522-T Datasheet
223Kb / 2P
AC-DC Power Supplies
CUT75-522-TA TDK-CUT75-522-TA Datasheet
224Kb / 2P
AC-DC Power Supplies
More results

Similar Description - CUT75

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA200L MPD-MPA200L Datasheet
336Kb / 2P
Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA300L MPD-MPA300L Datasheet
382Kb / 2P
Low Profi le 300W Single Output Power Factor Corrected AC/DC Power Supplies
MPA400L MPD-MPA400L Datasheet
380Kb / 2P
Low Profi le 400W Single Output Power Factor Corrected AC/DC Power Supplies
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
Single Output Low Profi le Power Supplies
CUS250LD TDK-CUS250LD Datasheet
699Kb / 3P
Single Output 250W Low Profi le Power Supplies
MTW15-51212 TDK-MTW15-51212 Datasheet
294Kb / 2P
15W to 60W Low Profi le Triple Output Power Supplies
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
11 mm Low Profi le Encoder
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
Low Profi le Slide Potentiometer
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
Chassis mounting applications, low profi le
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com