Electronic Components Datasheet Search
  English  ▼

X  

GCS150PS48 Datasheet(PDF) 2 Page - XP Power Limited

Part # GCS150PS48
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS150PS48 Datasheet(HTML) 2 Page - XP Power Limited

  GCS150PS48 Datasheet HTML 1Page - XP Power Limited GCS150PS48 Datasheet HTML 2Page - XP Power Limited GCS150PS48 Datasheet HTML 3Page - XP Power Limited GCS150PS48 Datasheet HTML 4Page - XP Power Limited GCS150PS48 Datasheet HTML 5Page - XP Power Limited GCS150PS48 Datasheet HTML 6Page - XP Power Limited GCS150PS48 Datasheet HTML 7Page - XP Power Limited GCS150PS48 Datasheet HTML 8Page - XP Power Limited GCS150PS48 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
0
180
170
160
150
140
130
120
110
100
90
Input Voltage (VAC)
GCS150PSxx convection-cooled
85
264
220
230
240
250
260
270
90
100
GCS180PSxx convection-cooled
GCS150PSxx forced-cooled
GCS180PSxx forced-cooled
0
250
240
230
220
210
200
190
180
170
160
Input Voltage (VAC)
85
264
220
230
240
250
260
270
90
100
Forced-cooled (24 V / 28 V / 48 V)
Forced-cooled (12 V / 15 V)
Convection-cooled (All models)
0
360
340
320
300
280
260
240
220
200
180
160
Input Voltage (VAC)
85
264
220
230
240
250
260
270
90
100
Forced-cooled
Convection-cooled (at 40 °C)
Convection-cooled (at 50 °C)
Input
GCS Series
www.xppower.com
2
AC-DC Power Supplies
Input Voltage Derating Curve
Figure 1
GCS150 & GCS180
GCS350
GCS250
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
115/230
264
VAC
Derate output power <90 VAC. See fig 1.
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
230 VAC, 100% load
Input Current - Full Load
1.5/0.7
A
GCS150: 115/230 VAC
1.8/0.8
GCS180: 115/230 VAC
2.2/1.1
GCS250 12-15 V models: 115/230 VAC
2.4/1.2
GCS250 ≥24 V models: 115/230 VAC
3.6/1.8
GCS350: 115/230 VAC
Inrush Current
80
A
230 VAC cold start 25 °C
No Load Input Power
0.5
W
All GCS150 & GCS180 (including -R Models)
2.3
GCS150 & GCS180 -R Models with inhibit activated
5
All GCS250 (including -R Models) 115V AC
3
All GCS250 (including -R Models) 230V AC
1
GCS250 -R Models with inhibit activated 115V AC
3
GCS250 -R Models with inhibit activated 230V AC
0.5
Available for GCS250 models, contact sales
4
GCS350: 115/230 VAC
Earth Leakage Current
60/120
200
µA
GCS150: 115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
95/185
250
GCS180: 115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
95/185
250
GCS250: 115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
95/185
250
GCS350: 115/230 VAC/50 Hz Typ., 264 VAC/60 Hz Max.
Input Protection
GCS150/180: F3.15 A/250 V internal fuse in both lines. GCS250/350: F5.0 A/250 V internal fuse in both lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com