Electronic Components Datasheet Search
  English  ▼

X  

TLE4226G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4226G
Description  Intelligent Sixfold Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4226G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4226G Datasheet HTML 1Page - Infineon Technologies AG TLE4226G Datasheet HTML 2Page - Infineon Technologies AG TLE4226G Datasheet HTML 3Page - Infineon Technologies AG TLE4226G Datasheet HTML 4Page - Infineon Technologies AG TLE4226G Datasheet HTML 5Page - Infineon Technologies AG TLE4226G Datasheet HTML 6Page - Infineon Technologies AG TLE4226G Datasheet HTML 7Page - Infineon Technologies AG TLE4226G Datasheet HTML 8Page - Infineon Technologies AG TLE4226G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLE 4226 G
Data Sheet
2
2002-10-21
Pin Configuration
(top view)
Pin Definitions and Functions
Pin
Symbol
Function
1
IN1
Input switch 1, active high (50 mA)
2
IN2
Input switch 2, active high (50 mA)
3
IN3
Input switch 3, active high (50 mA)
4
IN4
Input switch 4, active high (50 mA)
5, 6, 7, 8
GND
Ground, cooling
9
IN5
Input switch 5, active high (500 mA)
10
IN6
Input switch 6, active high (500 mA)
11
StA
Status output analog
12
StD
Status output digital (error = low)
13
V
S
Supply voltage
14
PREFST
Preferred state input, active low
15
Q6
Output switch 6 (500 mA)
16
Q5
Output switch 5 (500 mA)
17, 18, 19, 20
GND
Ground, cooling
21
Q4
Output switch 4 (50 mA)
22
Q3
Output switch 3 (50 mA)
23
Q2
Output switch 2 (50 mA)
24
Q1
Output switch 1 (50 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com