Electronic Components Datasheet Search
  English  ▼

X  

TLE4226 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4226
Description  Intelligent Sixfold Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4226 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4226 Datasheet HTML 1Page - Infineon Technologies AG TLE4226 Datasheet HTML 2Page - Infineon Technologies AG TLE4226 Datasheet HTML 3Page - Infineon Technologies AG TLE4226 Datasheet HTML 4Page - Infineon Technologies AG TLE4226 Datasheet HTML 5Page - Infineon Technologies AG TLE4226 Datasheet HTML 6Page - Infineon Technologies AG TLE4226 Datasheet HTML 7Page - Infineon Technologies AG TLE4226 Datasheet HTML 8Page - Infineon Technologies AG TLE4226 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
P-DSO-24-1, -3
Data Sheet
1
2002-10-21
TLE 4226 G
Bipolar IC
Features
 Quad 50 mA outputs
 Dual 500 mA outputs
 Operating range V
S = 5 V
± 5 %
 Output stages with power limiting
 Open-collector outputs
 Shorted load protected within operating range
 Clamp-diodes to ground
 Status signaling
 TTL-compatible control inputs
 Overtemperature monitoring
 Temperature range – 40 to 125 °C
 New type
TLE 4226 G is an integrated, sixfold low-side power switch with power limiting of the 0.5 A outputs,
shorted-load protection of the 50 mA switches and Z-diodes on all switches from output to ground.
TLE 4226 G is particularly suitable for automotive and industrial applications.
Intelligent Sixfold Low-Side Switch
Type
Ordering Code
Package
 TLE 4226 G
Q67000-A9118
P-DSO-24-3 (SMD)


Similar Part No. - TLE4226

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4226 SIEMENS-TLE4226 Datasheet
269Kb / 15P
Intelligent Sixfold Low-Side Switch
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
Intelligent Sixfold Low-Side Switch
More results

Similar Description - TLE4226

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4216G SIEMENS-TLE4216G Datasheet
180Kb / 14P
Intelligent Sixfold Low-Side Switch
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
Intelligent Sixfold Low-Side Switch
logo
International Rectifier
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com