Electronic Components Datasheet Search
  English  ▼

X  

LM2403 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2403
Description  Monolithic Triple 4.5 nS CRT Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2403 Datasheet(HTML) 2 Page - Texas Instruments

  LM2403 Datasheet HTML 1Page - Texas Instruments LM2403 Datasheet HTML 2Page - Texas Instruments LM2403 Datasheet HTML 3Page - Texas Instruments LM2403 Datasheet HTML 4Page - Texas Instruments LM2403 Datasheet HTML 5Page - Texas Instruments LM2403 Datasheet HTML 6Page - Texas Instruments LM2403 Datasheet HTML 7Page - Texas Instruments LM2403 Datasheet HTML 8Page - Texas Instruments LM2403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OBSOLETE
LM2403
SNOS019B – AUGUST 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (VCC)
+90V
Bias Voltage (VBB)
+16V
Input Voltage (VIN)
−0.5V to VBIAS +0.5V
Storage Temperature Range (TSTG)
−65°C to +150°C
Lead Temperature
Soldering, <10 sec
300°C
ESD Tolerance
Human Body Model
2 kV
Machine Model
250V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
OPERATING RANGE
(1)
VCC
+60V to +85V
VBB
+8V to +15V
VIN
+1V to +5V
VOUT
+10V to +70V
Case Temperature
Do not operate the part without a heat sink.
−20°C to +100°C
(1)
Operating ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the ELECTRICAL CHARACTERISTICS section. The ensured specifications apply only for the test
conditions listed. Some performance characteristics may change when the device is not operated under the listed test conditions.
ELECTRICAL CHARACTERISTICS
(See Figure 3 for Test Circuit)
Unless otherwise noted: VCC = +80V, VBB = +12 V, VIN = +3.3 VDC, CL = 8 pF, LP = 0.22 µH, Output = 40 VPP at 1 MHz, TA =
25°C.
LM2403
Symbol
Parameter
Condition
Units
Min
Typical
Max
ICC
Supply Current
Per Channel, No Output Load
26
mA
IBB
Bias Current
All Three Channels
11.5
mA
VOUT
DC Output Voltage
No AC Input Signal, VIN = 2.8 V
48
52
56
VDC
AV
DC Voltage Gain
No AC Input Signal
−12
−14
−16
ΔAV
Gain Matching
No AC Input Signal(1)
1.0
dB
LE
Linearity Error
No AC Input Signal(1)(2)
3.5
%
tR
Rise Time(3)
10% to 90%
4.5
nS
tF
Fall Time(3)
90% to 10%
4.5
nS
OS
Overshoot
3
%
(1)
Calculated value from Voltage Gain test on each channel.
(2)
Linearity Error is the variation in dc gain from VIN = 1.5V to VIN = 5V.
(3)
Input from signal generator: tr, tf < 1 nS.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com