Electronic Components Datasheet Search
  English  ▼

X  

LMC2001 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC2001
Description  High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC2001 Datasheet(HTML) 2 Page - Texas Instruments

  LMC2001 Datasheet HTML 1Page - Texas Instruments LMC2001 Datasheet HTML 2Page - Texas Instruments LMC2001 Datasheet HTML 3Page - Texas Instruments LMC2001 Datasheet HTML 4Page - Texas Instruments LMC2001 Datasheet HTML 5Page - Texas Instruments LMC2001 Datasheet HTML 6Page - Texas Instruments LMC2001 Datasheet HTML 7Page - Texas Instruments LMC2001 Datasheet HTML 8Page - Texas Instruments LMC2001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OBSOLETE
LMC2001
SNOS011D – AUGUST 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ESD Tolerance(3)
Human Body Model
2000V
Machine Model
100V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V+ - V-)
5.6V
Current At Input Pin
30mA
Current At Output Pin
30mA
Current At Power Supply Pin(4)
50mA
Lead Temperature (soldering, 10 sec)
260°C
Storage Temperature Range
-65°C to 150°C
Junction Temperature (TJ)
(5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions,
see the ELECTRICAL CHARACTERISTICS.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 100pF.
(4)
Output currents in excess of ±30mA over long term may adversely affect reliability.
(5)
The maximum power dissipation is a function of TJ(max), θ JA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/θ JA. All numbers apply for packages soldered directly onto a PC board.
OPERATING RATINGS
(1)
Supply voltage
4.75V to 5.25V
Temperature Range
LMC2001AI
-40°C
≤ TJ ≤ 85°C
LMC2001AC
0°C
≤ TJ ≤ 70°C
Thermal resistance (
θ JA)
D Package, 8-pin Surface Mount
180°C /W
M5 Package, SOT23-5
274°C /W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions,
see the ELECTRICAL CHARACTERISTICS.
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits ensured for T J = 25°C, V
+ = 5V, V-= 0V, V
CM = 2.5V, VO = 2.5V and RL > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ(1)
Limit(2)
Units
VOS
Input Offset Voltage
See(3)
0.5
40
μV
60
max
Offset Calibration Time
5
30
ms
TCVOS
Input Offset Voltage
See(4)
0.015
μV/°C
Long-Term Offset Drift
See(5)
0.006
μV/month
Lifetime VOS drift
See(5)
2.5
5
μV Max
IIN
Input Current
See(6)
-3
pA
IOS
Input Offset Current
6
pA
RIND
Input Differential Resistance
9
M
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis, unless otherwise noted.
(3)
The limits are set by the accuracy of high speed automatic test equipment. For the typical VOS distribution, see the curve (Figure 4).
(4)
Precision bench measurement of more than 300 units. More than 65% of units had less than 15nV /°C VOS drift.
(5)
Ensured Vos Drift is based on 280 devices operated for 1000 hrs at 150°C (equivalent to 30 years @ 55ºC).
(6)
Specified by design only.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com