Electronic Components Datasheet Search
  English  ▼

X  

MM58342 Datasheet(PDF) 2 Page - Texas Instruments

Part # MM58342
Description  High Voltage Display Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MM58342 Datasheet(HTML) 2 Page - Texas Instruments

  MM58342 Datasheet HTML 1Page - Texas Instruments MM58342 Datasheet HTML 2Page - Texas Instruments MM58342 Datasheet HTML 3Page - Texas Instruments MM58342 Datasheet HTML 4Page - Texas Instruments MM58342 Datasheet HTML 5Page - Texas Instruments MM58342 Datasheet HTML 6Page - Texas Instruments MM58342 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OBSOLETE
MM58342
SNOSBV5C – FEBRUARY 1995 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Voltage at Any Input Pin
VDD + 0.3V to
VSS −0.3V
Voltage at Any Display Pin
VDD to VDD −36.5V
VDD + |VDIS|
36.5V
Storage Temperature
−65°C to +150°C
Power Dissipation at 25°C
Molded DIP Package, Board Mount
2.03W(3)
Molded DIP Package, Socket Mount
1.83W(4)
Junction Temperature
130°C
Lead Temperature (Soldering, 10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Molded DIP Package, Board Mount,
θJA = 52°C/W, derate 19.2 mW/°C above 25°C.
(4)
Molded DIP Package, Socket Mount,
θJA = 58°C/W, derate 17.2 mW/°C above 25°C.
Operating Conditions
Min
Max
Units
Supply Voltage (VDD)
VSS = 0V
4.5
5.5
V
Display Voltage (VDIS)
−30
−10
V
Temperature Range
−40
+85
°C
Electrical Characteristics
TA = −40°C to +85°C, VDD = 5V ±0.5V, VSS = 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Power Supply Currents
IDD
VIN = VSS or VDD, VSS = 0V,
150
µA
VDIS Disconnected
IDIS
VDD = 5.5V, VSS = 0V, VDIS = −30V
10
mA
All Outputs Low
Input Logic Levels
DATA IN, CLOCK
ENABLE, BLANK
VIL
Logic “0”
0.8
V
VIH
Logic “1”
See(1)
2.4
V
Data Output Logic Levels
VOL
Logic “0”
IOUT = 400 µA
0.4
V
VOH
Logic “1”
IOUT = −10 µA
VDD −0.5
V
VOH
Logic “1”
IOUT = −500 µA
2.8
V
IIN
Input Currents DATA IN, CLOCK
VIN = 0V or VDD
−10
10
µA
ENABLE, BLANK
CIN
Input Capacitance DATA IN,
15
pF
CLOCK ENABLE, BLANK
Display Output Impedances
VDD = 5.5V, VSS = 0V
ROFF
Output Off (Figure 3)
VDIS = −10V
55
250
k
Ω
VDIS = −20V
60
300
k
Ω
VDIS = −30V
65
400
k
Ω
RON
Output On (Figure 4)
VDIS = −10V
700
800
Ω
VDIS = −20V
600
750
Ω
VDIS = −30V
500
680
Ω
VDOL
Display Output Low Voltage
VDD = 5.5V, IOUT = Open Circuit,
VDIS
VDIS + 2
V
−30V ≤ VDIS ≤ −10V
(1)
74LSTTL VOH = 2.7V @ IOUT = −400 µA, TTL VOH = 2.4V @ IOUT = −400 µA.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: MM58342



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com