Electronic Components Datasheet Search
  English  ▼

X  

DS1691A Datasheet(PDF) 2 Page - Texas Instruments

Part # DS1691A
Description  Line Drivers with TRI-STATE Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS1691A Datasheet(HTML) 2 Page - Texas Instruments

  DS1691A Datasheet HTML 1Page - Texas Instruments DS1691A Datasheet HTML 2Page - Texas Instruments DS1691A Datasheet HTML 3Page - Texas Instruments DS1691A Datasheet HTML 4Page - Texas Instruments DS1691A Datasheet HTML 5Page - Texas Instruments DS1691A Datasheet HTML 6Page - Texas Instruments DS1691A Datasheet HTML 7Page - Texas Instruments DS1691A Datasheet HTML 8Page - Texas Instruments DS1691A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS1691A, DS3691
SNLS357E – JULY 1998 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage
VCC
7V
VEE
−7V
Maximum Power Dissipation at 25°C SOIC Package(3)
1051 mW
Input Voltage
15V
Output Voltage (Power OFF)
±15V
Storage Temperature
−65°C to + 150°C
Lead Temperature (Soldering, 4 seconds)
260°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be verified. They are not meant to imply
that the devices should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device
operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Derate SOIC package 8.41 mW/°C above 25°C.
Operating Conditions
Min
Max
Units
Supply Voltage
VCC
4.75
5.25
V
VEE
−4.75
−5.25
V
Temperature, TA
0
+70
°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS1691A DS3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com