Electronic Components Datasheet Search
  English  ▼

X  

RHD5910 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # RHD5910
Description  RadHard-by-Design RHD5910 Quad Comparator High Speed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5910 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  RHD5910 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5910 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5910 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5910 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5910 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SCD5910 Rev F 12/23/13
Aeroflex Plainview
PACKAGE PINOUTS
16-Pin SOIC
5910
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT_B
OUT_A
NC
VCC
-IN_A
+IN_A
-IN_B
+IN_B
-IN_C
+IN_C
-IN_D
+IN_D
GND
NC
OUT_D
OUT_C
Notes:
1. Package and lid are electrically isolated from signal pads.
2. It is recommended that NC or no connect pins (pins 3 and 14) and lid be grounded. This eliminates or minimizes any ESD or static buildup.
PIN DESCRIPTIONS
OUT_B
OUT_A
OUT_C
OUT_D
6
5
8
7
10
9
12
11
15
16
1
2
+IN_A
-IN_A
+IN_B
-IN_B
+IN_C
-IN_C
+IN_D
-IN_D
A
B
C
D
4
13
VCC
Pin #s
Signal
Definitions
1
OUT_B
Output of Comparator B.
2
OUT_A
Output of Comparator A.
3
NC
It is recommended tying this pin to ground
4
VCC
DC Supply Voltage
5
-IN_A
Inverting Input to Comparator A
6
+IN_A
Non-Inverting Input to Comparator A
7
-IN_B
Inverting Input to Comparator B
8
+IN_B
Non-Inverting Input to Comparator B
9
-IN_C
Inverting Input to Comparator C
10
+IN_C
Non-Inverting Input to Comparator C
11
-IN_D
Inverting Input to Comparator D
12
+IN_D
Non-Inverting Input to Comparator D
13
GND
DC Supply Return
14
NC
It is recommended tying this pin to ground
15
OUT_D
Output of Comparator D.
16
OUT_C
Output of Comparator C.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com