Electronic Components Datasheet Search
  English  ▼

X  

RHD5931 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # RHD5931
Description  RadHard-by-Design RHD5931 Digital-to-Analog Converter 11-Bit Buffered Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5931 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  RHD5931 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5931 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5931 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5931 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SCD5931 Rev C 3/17/14
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Junction Temperature
+150
°C
Lead Temperature (soldering, 10 seconds)
300
°C
Thermal Resistance, Junction to Case,
jc
10
°C/W
Supply Voltage
+VCC
+6.0
V
PREF relative to NREF
+6.0
V
Digital Input Voltage
VCC +0.4
GND -0.4
V
ESD Rating (MIL-STD-883, Method 3015, Class 2)
2,000 - 3,999
V
Power @25°C
200
mW
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rating only;
functional operation beyond the “Operation Conditions” is not recommended and extended exposure beyond the “Operation Conditions” may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Typical
Units
+VCC
Power Supply Voltage
3.3 to 5.0
V
ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
(Tc = -55°C to +125°C, +Vcc = +5.0V -- Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Units
Resolution 2/
N
11
Bits
Supply Current
ICC
Toggle inputs, VCC, GND
5
mA
Quiescent current
ICCQ
All inputs = VCC
1mA
Relative Accuracy
RA
PREF = VCC, NREF = GND
0.25
% of
FSR
Gain Error
AE
PREF = VCC, NREF = GND
0.55
% of
FSR
Offset Error
OFF2
PREF = 4.9 V, NREF = 0.1 V
0.25
% of
FSR
Output Settling Time
TD
All inputs = Gnd to VCC,
PREF = 4.9 V, NREF = 0.1 V,
Output = 1/2 LSB of Nominal
5us
PREF Input Z 2/
ZP
5K
NREF Input Z 2/
ZR
5K
Input Hi Voltage
VIH
PREF = 4.9 V, NREF = 0.1 V
3.5
V
Input Lo Voltage
VIL
PREF = 4.9 V, NREF = 0.1 V
1.5
V
Input High Leakage 3/
IIH
Input under test = GND
1
nA
Input Low Leakage 3/
IIL
Input under test = VCC
1nA
Note: 1/ Specification derated to reflect Total Dose exposure to 1 Mrad(Si) @ +25°C.
2/ Not Tested. Shall be guaranteed by design, characterization, or correlation to other test parameters.
3/ These parameters for Tc = -55°C are guaranteed by design, characterization, or correlation to other test parameters.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com