Electronic Components Datasheet Search
  English  ▼

X  

RHD5980 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # RHD5980
Description  RadHard-by-Design RHD5980 Octal Bus Transceiver Bidirectional Voltage Level Shifter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5980 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  RHD5980 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www. ae r o f l ex .c om/Hi R el
i n f o -a ms @ a er o f l e x. co m
Aeroflex Plainview, Inc. reserves the right to make changes to any products and
services described herein at any time without notice. Consult Aeroflex or an authorized
sales representative to verify that the information in this data sheet is current before
using this product. Aeroflex does not assume any responsibility or liability arising out
of the application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
EXPORT CONTROL:
This product is controlled for export under the International Traffic in Arms Regulations (ITAR). A license from the U.S. Government is required
prior to the export of this product from the United States.
Our passion for performance is defined by three attributes.
Solution-Minded
Performance-Driven
Customer-Focused
Datasheet Definitions:
Advanced
Product in Development
Preliminary
Shipping Non-Flight Prototypes
Datasheet
Shipping QML and Reduced HiRel
SCD5980 Rev A 4/29/14
ORDERING INFORMATION
Model
DLA SMD #
Screening
Package
RHD5980-7
-
Commercial Flow, +25°C testing only
24-pin
SOIC Package
RHD5980-201-1S
5962-1222601KXC
In accordance with DLA SMD
RHD5980-201-2S
5962-1222601KXA
RHD5980-901-1S
5962H1222601KXC
In accordance with DLA Certified RHA Program Plan to
RHA Level "H", 1Mrad(Si)
RHD5980-901-2S
5962H1222601KXA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com