Electronic Components Datasheet Search
  English  ▼

X  

UT54ACTS00 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS00
Description  Quadruple 2-Input NAND Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS00 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS00 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS00 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS00 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS00 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS00 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS00 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS00 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS00 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS00 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Standard Products
UT54ACS00/UT54ACTS00
Quadruple 2-Input NAND Gates
Datasheet
November, 2010
www.aeroflex.com/logic
FEATURES
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 14-pin DIP
- 14-lead flatpack
UT54ACS00 - SMD 5962-96512
UT54ACTS00 - SMD 5962-96513
DESCRIPTION
The UT54ACS00 and the UT54ACTS00 are quadruple, two-
input NAND gates. The circuits perform the Boolean functions
Y = A
⋅B or Y = A + B in positive logic.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
LOGIC SYMBOL
PINOUTS
14-Pin DIP
Top View
14-Lead Flatpack
Top View
LOGIC DIAGRAM
INPUTS
OUTPUT
A
B
Y
H
H
L
L
X
H
X
L
H
Y1
(3)
(6)
Y2
Y3
(8)
(11)
Y4
(1)
A1
(2)
B1
(4)
A2
(5)
B2
(9)
A3
(10)
B3
(12)
A4
(13)
B4
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
&
114
213
312
411
510
69
78
A1
B1
Y1
A2
B2
Y2
VSS
VDD
B4
A4
Y4
B3
A3
Y3
VDD
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
VSS
114
213
312
411
510
69
78
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2


Similar Part No. - UT54ACTS00

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
Quadruple 2-Input NAND Gates
More results

Similar Description - UT54ACTS00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 1
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
Quadruple 2-Input NAND Gates
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
Quadruple 2-Input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com