Electronic Components Datasheet Search
  English  ▼

X  

TLE6220 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6220
Description  Smart Quad Low-Side Switch???
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6220 Datasheet HTML 5Page - Infineon Technologies AG TLE6220 Datasheet HTML 6Page - Infineon Technologies AG TLE6220 Datasheet HTML 7Page - Infineon Technologies AG TLE6220 Datasheet HTML 8Page - Infineon Technologies AG TLE6220 Datasheet HTML 9Page - Infineon Technologies AG TLE6220 Datasheet HTML 10Page - Infineon Technologies AG TLE6220 Datasheet HTML 11Page - Infineon Technologies AG TLE6220 Datasheet HTML 12Page - Infineon Technologies AG TLE6220 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet TLE 6220 GP
V1.1
Page
26.Aug. 2002
9
SI
H H L L X X X X
SO H H H H H H H H
CS
CS
SI
H H H H L H H L
SO IN4 IN3 IN2 IN1 F4 F3 F2 F1
SI command: No change of the
output state; reading back of
inputs and 1bit diagnosis
SO diagnosis: No fault, normal
function
CS
SI
H H H H L L L L
SO H H H H H H H H
SI command: AND-Operation;
Ch1 and 4 OFF, Ch2 and 3 ON.
SO diagnosis: State of four parallel
inputs and 1 bit diagnosis performed
SI command: AND-Operation and
all channels OFF.
SO diagnosis: No fault, normal
function
3. HLHL XXXX
- Echo-function of SPI
To check the proper function of the serial interface the TLE 6220 GP provides a "SPI Echo
Function". By entering HLHL as control word, SI and SO are connected during the next CS
period. By comparing the bits clocked in with the serial output bits, the proper function of the
SPI interface can be verified. This internal loop is only closed once (for one CS period).
SI
H L H L X X X X
SO H H H H L H H H
CS
CS
SI
SO
SI command: No change of the
output states; Echo function of SPI
SO diagnosis: Open load condition
at channel 2, other channels ok.
SI word
Echo-function of SPI, i.e. SI
directly connected to SO.
SI information will be accepted
during this cycle and the
outputs set accordingly after
chip select rising edge
4. LLHH DDDD - OR operation, and ‘full diagnosis’
With LLHH as the control word, each of the input signals IN1...IN4 are 'OR'ed with the corre-
sponding data bits (DDDD).
≥ 1
Output
Driver
IN 1...4
Serial Input,
data bits 0...3
This OR operation enables the serial interface to switch the channel ON, even though the cor-
responding parallel input might be in the off state.
SPI Priority for ON-State
Also parallel control of the outputs is possible without an SPI input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com