Electronic Components Datasheet Search
  English  ▼

X  

TLE6228 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6228
Description  Smart Quad Channel Low-Side Switch?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6228 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6228 Datasheet HTML 5Page - Infineon Technologies AG TLE6228 Datasheet HTML 6Page - Infineon Technologies AG TLE6228 Datasheet HTML 7Page - Infineon Technologies AG TLE6228 Datasheet HTML 8Page - Infineon Technologies AG TLE6228 Datasheet HTML 9Page - Infineon Technologies AG TLE6228 Datasheet HTML 10Page - Infineon Technologies AG TLE6228 Datasheet HTML 11Page - Infineon Technologies AG TLE6228 Datasheet HTML 12Page - Infineon Technologies AG TLE6228 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
D a tash eet T L E 6228 G P
V3.1
Page
26. Aug. 2002
9
Note 2) : to reset latched status-output in case of overload/short-to-supply/overtemperature the control
input has to go low and stay low for longer than max. input suppression time tD-IN specified in 2.13 of
the characteristics
Failure Situations and Status Report
Logic Block Diagram
Open load "on"
0.....open load
1.... normal cond.
Open load "off"
1.....open load
0.....normal cond.
Overload
0.....overload
1.....normal cond.
Input
1....On
0... Off
ENA
1....enabled
0... disabled
Overtemperature
1.....overtemperature
0.....normal cond.
Delay D
Delay D
Delay D
IN
IN
IN
OUT
OUT
OUT
EN
EN
EN
Filter
30µs
HI
Q
Q
SET
CLR
S
R
Gate Driver
1... Output
0....Output
Status
0....High
1....Low
Delay
60µs
Delay D
IN
OUT
t
D
1,2ms typ.
Delay
60µs
IN
OUT
t
D
60µs typ.
t
DSO
Filter
t
D
tD-IN when
load
t
D-failure
tD-failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com