Electronic Components Datasheet Search
  English  ▼

X  

10-RZ126PA015SC-M628F41 Datasheet(PDF) 7 Page - Vincotech

Part # 10-RZ126PA015SC-M628F41
Description  Clip-in PCB mounting (optional)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-RZ126PA015SC-M628F41 Datasheet(HTML) 7 Page - Vincotech

Back Button 10-RZ126PA015SC-M628F41 Datasheet HTML 3Page - Vincotech 10-RZ126PA015SC-M628F41 Datasheet HTML 4Page - Vincotech 10-RZ126PA015SC-M628F41 Datasheet HTML 5Page - Vincotech 10-RZ126PA015SC-M628F41 Datasheet HTML 6Page - Vincotech 10-RZ126PA015SC-M628F41 Datasheet HTML 7Page - Vincotech 10-RZ126PA015SC-M628F41 Datasheet HTML 8Page - Vincotech 10-RZ126PA015SC-M628F41 Datasheet HTML 9Page - Vincotech 10-RZ126PA015SC-M628F41 Datasheet HTML 10Page - Vincotech 10-RZ126PA015SC-M628F41 Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
10-R0126PA015SC-M628F40
10-RZ126PA015SC-M628F41
Figure 13
Output inverter FWD
Figure 14
Output inverter FWD
Typical reverse recovery charge as a
Typical reverse recovery charge as a
function of collector current
function of IGBT turn on gate resistor
Qrr = f(IC)
Qrr = f(Rgon)
At
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
15
A
Rgon =
32
VGE =
±15
V
Figure 15
Output inverter FWD
Figure 16
Output inverter FWD
Typical reverse recovery current as a
Typical reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
IRRM = f(IC)
IRRM = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
15
A
Rgon =
32
VGE =
±15
V
Output Inverter
Tj = Tjmax - 25°C
IRRM
Tj = 25°C
IRRM
0
5
10
15
20
0
25
50
75
100
125
150
R gon ( Ω
Ω
Ω
Ω )
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0
1
2
3
4
0
25
50
75
100
125
150
R g on ( Ω)
Tj = Tjmax -25°C
IRRM
Tj = 25°C
IRRM
0
3
6
9
12
15
0
5
10
15
20
25
30
I C (A)
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0
1
2
3
4
0
5
10
15
20
25
30
I C (A)
7
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com