Electronic Components Datasheet Search
  English  ▼

X  

PSRA3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PSRA3
Description  Single phase, primary switched mode power supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSRA3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PSRA3 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSRA3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single phase, primary switched mode power supply
PSRA 3
Type
PSRA 3
Input
Input voltage range
85 - 264 Vac
Low-inrush current
<50 Ap
Input rated current (rated load)
1.4 A (115 Vac) / 0.8 A (230 Vac)
Rated frequency range
50 - 60 Hz
Input rated voltage
230 Vac
Input fuse internal
3 A (slow-blow)
Recommended back-up fuse (circuit breaker)
C10 or B16
Mains buffering
115 Vac >15 ms / 230 Vac >50 ms
Output
Output rated voltage
30.5 Vdc
Output voltage range
26 - 33 Vdc, adjustable
Output rated current
3.00 A
Overload behaviour
Constant current
Efficiency
89 %
Resistance to reverse feed max.
40 Vdc
Signaling
Power Good (DC OK)
LED green
Standards
Classification
Primary switched mode power supply
Approvals
Approvals
cURus, cULus, GL
Environment
Ambient temperature
-10 °C to 50 °C
Derating
-3 %/K >+50 °C
Safety and protection
Protection index
IP 20
Safety class
I
Accessory
Wall mounting
WH (optional)
Order numbers
Order Number
PSRA 3
Type
PSRA 3
Terminal and mounting
Connections input, (spring clamp terminal,
pluggable)
max. 2.5 mm²
Connections output, (spring clamp terminal,
pluggable)
max. 2.5 mm²
Mounting position
vertical
Fixing method
DIN Rail system TH 35
Measures and weights
Weight
0.73 kg
51.0
120.0
133.0
115.0
37.0
35.0
46.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com