Electronic Components Datasheet Search
  English  ▼

X  

RAC03-SER Datasheet(PDF) 1 Page - Recom International Power

Part # RAC03-SER
Description  3 Watt Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03-SER Datasheet(HTML) 1 Page - Recom International Power

  RAC03-SER Datasheet HTML 1Page - Recom International Power RAC03-SER Datasheet HTML 2Page - Recom International Power RAC03-SER Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Refer to Applications Notes
Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For futher details,
please refer to Application Notes
AC/DC Converter
PA-1
REV.: 0/2015
www.recom-international.com
3 YEAR
warranty
3
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
85VAC
120VDC
305VAC
430VDC
Input Current
full load, 115VAC
full load, 230VAC
70mA
45mA
absolute max. Input Current
cold start at 25°C, 115VAC
cold start at 25°C, 230VAC
15A
30A
No load Power Consumption
85-305VAC, 47-440Hz
40mW
Input Frequency
AC Input
47Hz
440Hz
Leakage Current
85-305VAC, 47-440Hz
10µA
Hold-up time
full load
18ms
Operating Frequency
100% load at nominal Vin
55kHz
Efficiency
see Selection Guide
Minimum Load
10%
Output Ripple and Noise
3.3Vout
all others
250mVp-p
200mVp-p
Description
The modules of the RAC03-SER/277 series are regulated AC/DC converters with 3kVAC isolation and a
round, flat shape. This series has been designed to offer low stand-by consumption and an ultra-wide
input voltage range. Uses include a variety of applications in building automation, security systems and
communication systems.
E224736
Features
Regulated
Converters
• 40mW max. No Load Power Consumption
• High Efficiency up to 76%
• Isolated Output 3kVAC / 1 min
• SCP, OVP Protection
• Wide Operating Temperature Range:
-40°C to +85°C
• Universal Input 85-305VAC
3 Watt
Single
Output
RAC03-SER/277
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load
(VAC)
(VDC)
(mA)
(%)
RAC03-3.3SER/277
85-305
3.3
900
68
22000µF
RAC03-05SER/277
85-305
5.0
600
70
7500µF
RAC03-12SER/277
85-305
12
250
74
1000µF
RAC03-24SER/277
85-305
24
125
76
200µF


Similar Part No. - RAC03-SER

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-SER-277 RECOM-RAC03-SER-277 Datasheet
385Kb / 4P
3 Watt Single Output
RAC03-SER277 RECOM-RAC03-SER277 Datasheet
399Kb / 4P
40mW max. No Load Power Consumption
More results

Similar Description - RAC03-SER

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-3.3SC RECOM-RAC03-3.3SC Datasheet
101Kb / 2P
3 Watt Single Output
RAC03-SE RECOM-RAC03-SE Datasheet
293Kb / 3P
3 Watt Single Output
RAC03-SC RECOM-RAC03-SC Datasheet
85Kb / 2P
3 Watt Single Output
RAC03-SE-277 RECOM-RAC03-SE-277 Datasheet
419Kb / 4P
3 Watt Single Output
RAC03-SE-277-W RECOM-RAC03-SE-277-W Datasheet
377Kb / 4P
3 Watt Single Output
RAC03-SER-277 RECOM-RAC03-SER-277 Datasheet
385Kb / 4P
3 Watt Single Output
RACD03-PSE RECOM-RACD03-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RKZ3 RECOM-RKZ3 Datasheet
632Kb / 6P
3 Watt SIP7 Single Output
RS3K-Z RECOM-RS3K-Z Datasheet
2Mb / 4P
3 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com