Electronic Components Datasheet Search
  English  ▼

X  

RACM150 Datasheet(PDF) 1 Page - Recom International Power

Part # RACM150
Description  150 Watt Enclosed Case Style Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM150 Datasheet(HTML) 1 Page - Recom International Power

  RACM150 Datasheet HTML 1Page - Recom International Power RACM150 Datasheet HTML 2Page - Recom International Power RACM150 Datasheet HTML 3Page - Recom International Power RACM150 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MED-1
REV.: 0/2015
www.recom-international.com
Refer to Applications Notes
150 Watt
Enclosed
Case Style
Single Output
AC/DC Converter
Features
Regulated
Converters
• Long 5 Year Warranty
• 2MOPP/250VAC
• Suitable for built in Class II Applications
• Wide Input Voltage Range (85-264VAC)
• Low Leakage Current (<75µA)
• 5000m Operation
• Active Power Factor Correction
• Connector Set available
RACM150
2MOPP
250VAC
EN-55011 Certified
EN-55022 Certified
ES-60601 Certified
IEC/EN-60601 Certified
Description
The RACM150-S(/F) is a compact 4.6”x 1.63” high efficiency AC/DC power supply with 2xMOPP safety
approval for medical applications. These space saving enclosed power supplies have a universal input
voltage range (85-264VAC), 4kVac isolation, require no minimum load and can be used at
ambient temperatures of between -25°C and +80°C. The 12V, 15V, 24V or 48V output voltages
are fully protected and have tolerances of less than ±0.2% over the entire input voltage range and
less than ±0.5% over the entire load range. The RACM150-S(/F) series is certified to medical safety
standard IEC/ES/EN-60601-1 3rd Edition and feature BF rated outputs with less than 100µA
leakage current. It has a built-in Class B EMI filter and comes with a five year warranty.
Selection Guide
Part
Input
Output
Output
Efficiency
Peak Output
Number
Voltage Range
Voltage
Current (A)
typ.
Power (W)
(VAC)
(VDC)
115/230VAC
(%)
115/230VAC
RACM150-12S
85-264
12
10.0 / 10.84
91
120 / 130
RACM150-15S
85-264
15
8.33 / 9.0
92
125 / 135
RACM150-24S
85-264
24
5.2 / 5.63
92
125 / 135
RACM150-48S
85-264
48
2.5 / 2.71
91
120 / 130
RACM150-12S/F
85-264
12
12.5
91
150
RACM150-15S/F
85-264
15
10.0
92
150
RACM150-24S/F
85-264
24
6.25
92
150
RACM150-48S/F
85-264
48
3.13
91
150
5 YEAR
warranty
5
E314885
Specifications (measured at TA= 25°C, 230VAC, full load and after warm-up)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage
85VAC
120VDC
264VAC
370VDC
Input Current
115VAC, fulll load
230VAC, full load
1.7A
0.8A
Inrush Current
cold start, 115VAC
cold start, 230VAC
30A
60A
No Load Input Power
230VAC, with fan
230VAC, without fan
0.6W
0.25W
1W
0.3W
Input Frequency
AC Input
47Hz
63Hz
Start-up Time
0.7s
1s
Rise Time
20ms
Hold up Time
30ms
Minimum Load
0%
Power Factor
0.95
Switching Frequency
60kHz
Output Ripple and Noise
(measured @ 20MHz BW)
12VDC, with 1µF/25V MLCC
15VDC, with 1µF/25V MLCC
24VDC, with 1µF/50V MLCC
48VDC, with 0.1µF/100V MLCC
120mVp-p
150mVp-p
220mVp-p
250mVp-p
continued on next page


Similar Part No. - RACM150

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM150-12S RECOM-RACM150-12S Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
RACM150-12S/F RECOM-RACM150-12S/F Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
RACM150-15S RECOM-RACM150-15S Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
RACM150-15S/F RECOM-RACM150-15S/F Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
RACM150-24S RECOM-RACM150-24S Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
More results

Similar Description - RACM150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
Enclosed 150 Watt Single Output AC/DC Switching Power Supply
logo
Recom International Pow...
RACD150 RECOM-RACD150 Datasheet
103Kb / 2P
150 Watt Single Output
RACD150-A RECOM-RACD150-A Datasheet
116Kb / 2P
150 Watt Single Output
RACD150-PSE RECOM-RACD150-PSE Datasheet
100Kb / 2P
150 Watt Single Output
RACG150-S RECOM-RACG150-S Datasheet
449Kb / 4P
150 Watt Single Output
RACM40-S RECOM-RACM40-S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
RACM65-S RECOM-RACM65-S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
100 Watt Enclosed Case Style Single Output
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
logo
Artesyn Technologies
TLP150N-99S12J ARTESYN-TLP150N-99S12J Datasheet
673Kb / 4P
Single Output 150 Watt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com