Electronic Components Datasheet Search
  English  ▼

X  

TLE7230G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7230G
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7230G Datasheet HTML 8Page - Infineon Technologies AG TLE7230G Datasheet HTML 9Page - Infineon Technologies AG TLE7230G Datasheet HTML 10Page - Infineon Technologies AG TLE7230G Datasheet HTML 11Page - Infineon Technologies AG TLE7230G Datasheet HTML 12Page - Infineon Technologies AG TLE7230G Datasheet HTML 13Page - Infineon Technologies AG TLE7230G Datasheet HTML 14Page - Infineon Technologies AG TLE7230G Datasheet HTML 15Page - Infineon Technologies AG TLE7230G Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Target Datasheet TLE7230 R/G
V1.1
Page
12. Oct. 2003
12
mand was valid the rising edge of CS will reset all diagnosis registers and restart the fault filtering time.
In case of an invalid command the device will ignore the data bits and the diagnosis register will not be
reset at the rising CS edge.
Figure 1: Two bits per channel diagnostic feedback
Diagnostic Serial Data O ut SO
HH
Norm al function
HL
O verload , Shorted Load or O vertemperature
LH
O pen Load (off)
LL
Short to G ND
15
3
2
1
0
MSB
Ch.2
Ch.1
LSB
Ch.8
For Full Diagnosis there are two diagnostic bits per channel configured as shown in Figure 1.
Normal function: The bit combination HH indicates that there is no fault condition, i.e. normal function.
Overload, Shorted Load or Overtemperature: HL is set when the current limitation gets active, i.e.
there is a overload, short to supply or overtemperature condition. The second reason for this bit combi-
nation is overtemperature of the corresponding channel.
Open load: LH is set when open load is detected (in off state of the channel)
Short to GND : LL is set when this condition is detected (in off state)
Timing Figures
Figure 5: Power Outputs
t
t
tON
tOFF
80%
VDS
VIN
20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com