Electronic Components Datasheet Search
  English  ▼

X  

DG541 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # DG541
Description  Wideband/Video T Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG541 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  DG541 Datasheet HTML 1Page - TEMIC Semiconductors DG541 Datasheet HTML 2Page - TEMIC Semiconductors DG541 Datasheet HTML 3Page - TEMIC Semiconductors DG541 Datasheet HTML 4Page - TEMIC Semiconductors DG541 Datasheet HTML 5Page - TEMIC Semiconductors DG541 Datasheet HTML 6Page - TEMIC Semiconductors DG541 Datasheet HTML 7Page - TEMIC Semiconductors DG541 Datasheet HTML 8Page - TEMIC Semiconductors DG541 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG540/541/542
Siliconix
S-53694—Rev. E, 28-May-97
5
Typical Characteristics
Supply Curent vs. Temperature
ID(off), IS(off) vs. Temperature
rDS(on) vs. Drain Voltage
V+ Constant
V– Constant
Temperature (
_C)
Temperature (
_C)
VD – Drain Voltage (V)
V– – Negative Supply (V)
V+ – Positive Supply (V)
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–55
–35 –15
5
25
45
65
85
105 125
IGND
0
–55
125
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
0.1 pA
–25
25
50
75
100
160
140
120
100
80
60
40
20
0
–3
–1
1
3
5
7
9
11
V+ = 15 V
V– = –3 V
125
_C
–55
_C
42
40
38
36
34
32
30
20
18
10 11 12 13 14 15 16
42
40
38
36
34
32
30
20
18
–5 –4 –3
–2 –1
0
V+ = 12 V
V+ = 15 V
V– = –5 V
V– = –1 V
V+ = 10 V
I–
I+
25
_C
V– = –3 V
On Capacitance
Off Isolation
VD – Drain Voltage (V)
f – Frequency (MHz)
22
20
18
16
14
12
10
8
6
0
2
4
6
8
10
12
14
1
10
100
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
DG541
DG540
DG542



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com