Electronic Components Datasheet Search
  English  ▼

X  

MAX1968EUI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1968EUI
Description  Power Drivers for Peltier TEC Modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968EUI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1968EUI Datasheet HTML 2Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 3Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 4Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 5Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 6Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 7Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 8Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 9Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MAX1968/MAX1969
Power Drivers for Peltier TEC Modules
Maxim Integrated | 6
www.maximintegrated.com
ITEC vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
1.012
1.014
0.994
-40
FREQ = 500kHz
VCTLI = 1.9V
RTEC = 1
Ω
VITEC vs. TEC CURRENT
TEC CURRENT (A)
1
-1
0.5
1.0
1.5
2.0
2.5
3.0
0
-3
3
ZERO-CROSSING TEC CURRENT
vs. CTLI VOLTAGE
MAX1968 toc07
1ms/div
ITEC
500mA/div
1.5V
0A
VCTLI
100mV/div
TEC CURRENT vs. CTLI VOLTAGE
MAX1968 toc06
20ms/div
ITEC
1A/div
VCTLI
1V/div
TEC CURRENT RIPPLE
MAX1968 toc05
400ns/div
ITEC
2mA/div
DC CURRENT = 1A
VDD RIPPLE
MAX1968 toc04
200ns/div
VDD
100mV/div
AC-COUPLED
OUTPUT VOLTAGE RIPPLE
MAX1968 toc03
400ns/div
VOS2
100mV/div
AC-COUPLED
VOS1
100mV/div
AC-COUPLED
EFFICIENCY vs. TEC CURRENT
VDD = 3.3V
TEC CURRENT (A)
2
1
10
20
30
40
50
60
70
80
90
0
03
FREQ = 500kHz
RLOAD = 0.85
Ω
EFFICIENCY vs. TEC CURRENT
VDD = 5V
TEC CURRENT (A)
2
1
10
20
30
40
50
60
70
80
90
0
03
FREQ = 500kHz
RLOAD = 1
Ω
Typical Operating Characteristics
(VDD = 5V, VCTLI = 1V, VFREQ = GND, RLOAD = 1
Ω, circuit of Figure 1, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com