Electronic Components Datasheet Search
  English  ▼

X  

DG540AP Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # DG540AP
Description  Wideband/Video T Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG540AP Datasheet(HTML) 4 Page - TEMIC Semiconductors

  DG540AP Datasheet HTML 1Page - TEMIC Semiconductors DG540AP Datasheet HTML 2Page - TEMIC Semiconductors DG540AP Datasheet HTML 3Page - TEMIC Semiconductors DG540AP Datasheet HTML 4Page - TEMIC Semiconductors DG540AP Datasheet HTML 5Page - TEMIC Semiconductors DG540AP Datasheet HTML 6Page - TEMIC Semiconductors DG540AP Datasheet HTML 7Page - TEMIC Semiconductors DG540AP Datasheet HTML 8Page - TEMIC Semiconductors DG540AP Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG540/541/542
4
Siliconix
S-53694—Rev. E, 28-May-97
Specificationsa
Test Conditions
Unless Specified
V+
15 V V
3 V
A Suffix
–55 to 125
_C
D Suffixes
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –3 V
VINH = 2 V, VINL = 0.8 Vf
Tempb
Typc
Mind
Maxd Mind
Maxd
Unit
Analog Switch
Analog Signal Range
VANALOG
V– = –5 V, V+ = 12 V
Full
–5
5
–5
5
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = 0 V
Room
Full
30
60
100
60
75
W
rDS(on) Match
DrDS(on)
S
,
D
Room
2
6
6
Source Off
Leakage Current
IS(off)
VS = 0 V, VD = 10 V
Room
Full
–0.05
–10
–500
10
500
–10
–100
10
100
Drain Off
Leakage Current
ID(off)
VS = 10 V, VD = 0 V
Room
Full
–0.05
–10
–500
10
500
–10
–100
10
100
nA
Channel On
Leakage Current
ID(on)
VS = VD = 0 V
Room
Full
–0.05
–10
–1000
10
1000
–10
–100
10
100
Digital Control
Input Voltage High
VINH
Full
2
2
V
Input Voltage Low
VINL
Full
0.8
0.8
V
Input Current
IIN
VIN = GND or V+
Room
Full
0.05
–1
–20
1
20
–1
–20
1
20
mA
Dynamic Characteristics
On State Input Capacitancee
CS(on)
VS = VD = 0 V
Room
14
20
20
Off State Input Capacitancee
CS(off)
VS = 0 V
Room
2
4
4
pF
Off State Output Capacitancee
CD(off)
VD = 0 V
Room
2
4
4
Bandwidth
BW
RL = 50 W, See Figure 5
Room
500
MHz
Turn On Time
tON
W
DG540
DG541
Room
Full
45
70
130
70
130
Turn On Time
tON
RL = 1 kW
CL = 35 pF
DG542
Room
Full
55
100
160
100
160
ns
Turn Off Time
tOFF
L
p
50% to 90%
See Figure 2
DG540
DG541
Room
Full
20
50
85
50
85
ns
Turn Off Time
tOFF
DG542
Room
Full
25
60
85
60
85
Charge Injection
Q
CL = 1000 pF, VS = 0 V
See Figure 3
Room
–25
pC
RIN = 75 W
R75
W
DG540
Room
–80
Off Isolation
OIRR
RL = 75 W
f = 5 MHz
DG541
Room
–60
f = 5 MHz
See Figure 4
DG542
Room
–75
dB
All Hostile Crosstalk
XTALK(AH)
RIN = 10 W, RL = 75 W
f = 5 MHz, See Figure 6
Room
–85
Power Supplies
Positive Supply Current
I+
All Channels On or Off
Room
Full
3.5
6
9
6
9
mA
Negative Supply Current
I–
All Channels On or Off
Room
Full
–3.2
–6
–9
–6
–9
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com