Electronic Components Datasheet Search
  English  ▼

X  

1045014 Datasheet(PDF) 2 Page - SICK AG

Part # 1045014
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1045014 Datasheet(HTML) 2 Page - SICK AG

  1045014 Datasheet HTML 1Page - SICK AG 1045014 Datasheet HTML 2Page - SICK AG 1045014 Datasheet HTML 3Page - SICK AG 1045014 Datasheet HTML 4Page - SICK AG 1045014 Datasheet HTML 5Page - SICK AG 1045014 Datasheet HTML 6Page - SICK AG 1045014 Datasheet HTML 7Page - SICK AG 1045014 Datasheet HTML 8Page - SICK AG 1045014 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SGS4-F140P7PS1W00 | SLG
SWITCHING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Ordering information
Type
Part no.
SGS4-F140P7PS1W00
1045014
Other models and accessories
www.sick.de/SLG
Detailed technical data
Features
Technology
Sender/receiver
Minimum detectable object (MDO)
Parallel beam, 45 mm
Beam separation
40 mm
Optical light exit
Flat
Number of beams
≥ 36
Detection height
1,400 mm
Configuration
Without teach button with configuration software
Cross beam/parallel beam
Parallel beam active
Output 1
Output 1 active, if light beam interrupted
Automatic teach
Automatic teach inactive
Alignment aid
Without alignment aid
Muting function
Muting function deactivated
Performance
Maximum range
10 m 1)
Minimum range
Parallel beam: ≥ 0 mm 2)
Working range
7 m
Response time
Parallel beam ≥ 19 ms
1) No reserve for environmental issue and deterioration of the diode.
2) Aperture ± 10°.
Interfaces
Switching output
1 x PNP
Inputs
Teach-in input
Connection type
Short cable with connector M8, 4-pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com