Electronic Components Datasheet Search
  English  ▼

X  

1045018 Datasheet(PDF) 7 Page - SICK AG

Part # 1045018
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1045018 Datasheet(HTML) 7 Page - SICK AG

  1045018 Datasheet HTML 1Page - SICK AG 1045018 Datasheet HTML 2Page - SICK AG 1045018 Datasheet HTML 3Page - SICK AG 1045018 Datasheet HTML 4Page - SICK AG 1045018 Datasheet HTML 5Page - SICK AG 1045018 Datasheet HTML 6Page - SICK AG 1045018 Datasheet HTML 7Page - SICK AG 1045018 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SPL-S440PPS2W04 | SLG
SWITCHING AUTOMATION LIGHT GRIDS
2016-03-09 17:40:10 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
7
Funktionsprinzip
Slim & Flat
1
2
①  Slim model = light emission on narrow side
②  Flat model = light emission on broad side
Recommended accessories
Other models and accessories
www.sick.de/SLG
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting bracket for light grids up to a monitoring height of 600 mm, mounting on the
face sides, 2x BEF-SLG1, 2x BEF-SLG2
BEF-SLG-SET1
2055427
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0804-G02M
6009870



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com