Electronic Components Datasheet Search
  English  ▼

X  

MAX3485ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3485ESA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3485ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3485ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3485ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V ±0.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC)...............................................................7V
Control Input Voltage (RE, DE) ...................................-0.3V to 7V
Driver Input Voltage (DI).............................................-0.3V to 7V
Driver Output Voltage (A, B, Y, Z)..........................-7.5V to 12.5V
Receiver Input Voltage (A, B) ................................-7.5V to 12.5V
Receiver Output Voltage (RO)....................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
14-Pin Plastic DIP (derate 10mW/°C above +70°C) ......800mW
14-Pin SO (derate 8.33mW/°C above +70°C)................667mW
Operating Temperature Ranges
MAX34_ _C_ _.......................................................0°C to +70°C
MAX34_ _E_ _....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
DE = 0V,
VCC = 0V or 3.6V
DE = 0V, RE = VCC,
VCC = 0V or 3.6V, MAX3491
DE = 0V, RE = 0V,
VCC = 0V or 3.6V, MAX3491
kΩ
12
RIN
Receiver Input Resistance
µA
±1
IOZR
Three-State (High Impedance)
Output Current at Receiver
V
0.4
VOL
Receiver Output Low Voltage
V
VCC - 0.4
VOH
Receiver Output High Voltage
mV
50
∆
VTH
Receiver Input Hysteresis
V
-0.2
0.2
VTH
Receiver Differential
Threshold Voltage
µA
-1
IO
Output Leakage (Y, Z)
in Shutdown Mode
1
µA
-20
IO
Output Leakage (Y, Z)
V
0.2
∆
VOD
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
(Note 1)
V
1.5
VOD
2.0
Differential Driver Output
20
mA
-0.8
IIN2
Input Current (A, B)
1.0
µA
±2
IIN1
Logic Input Current
V
3
VOC
Driver Common-Mode Output
Voltage
V
0.2
∆
VOC
Change in Magnitude of
Common-Mode Output Voltage
(Note 1)
V
2.0
VIH
Input High Voltage
V
0.8
VIL
Input Low Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 54Ω or 100Ω, Figure 4
-7V ≤ VCM ≤ 12V
RL = 54Ω (RS-485), Figure 4
VCC = 3.6V, 0V ≤ VOUT ≤ VCC
RL = 100Ω (RS-422), Figure 4
IOUT = 2.5mA, VID = 200mV, Figure 6
IOUT = -1.5mA, VID = 200mV, Figure 6
VCM = 0V
VOUT = 12V
VIN = -7V
-7V ≤ VCM ≤ 12V
VOUT = -7V
VIN = 12V
DE, DI, RE
RL = 54Ω or 100Ω, Figure 4
RL = 54Ω or 100Ω, Figure 4
DE, DI, RE
VOUT = 12V
DE, DI, RE
VOUT = -7V
CONDITIONS
RL = 60Ω (RS-485), VCC = 3.3V, Figure 5
1.5
MAX3483/MAX3485/MAX3486/
MAX3488/MAX3490/MAX3491
2
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com