Electronic Components Datasheet Search
  English  ▼

X  

M2012S232 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2012S232
Description  General Specifications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2012S232 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2012S232 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2012S232 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2012S232 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2012S232 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2012S232 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2012S232 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2012S232 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2012S232 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2012S232 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TYPICAL SWITCH ORDERING EXAMPLE
www.nkk.com
A1
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A1
A
A
M20
Gold Contacts
with 0.4VA Rating
.200” (5.08mm) Bat Toggle
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA max @
28V AC/DC max
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2012S2A2G40
SPDT
ON-NONE-ON Circuit
Terminals
30
.150” (3.81mm)
Right Angle PC (1-3 Pole)
32
Right Angle PCB
(1 Pole & 0.4VA Rating Only)
40
.150” (3.81mm)
Vertical PC (1-4 Pole)
45
.100” (2.54mm)
Vertical PC (1-4 Pole)
.280” (7.1mm)
Smooth Bushing with Keyway
Vertical PC Terminals with
.150” (3.81mm) Terminal Spacing
Small Bushings
A2
.280” (7.1mm) Smooth with Keyway
S2
.350” (8.9mm) Smooth with Keyway
A1
.280” (7.1mm) Threaded with Keyway
S1
.350” (8.9mm) Threaded with Keyway
Bushing For Locking Levers
L2
Smooth with Keyway for Lever Lock
Locking Lever
L
.201” (5.1mm) Dia. Locking Lever
Optional Caps
B
For S Bat Toggle
C
Conical Cap for S Bat Toggle
Cap Colors
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
A2
S2
1
G
40
2
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8 (ON)
OFF
(ON)
9
ON
OFF
(ON)
4
ON
ON
ON
6 (ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits available
with double and
four pole bases only
*
*
*
*
Small Toggles
S
.413” (10.5mm) Bat
S2
.200” (5.08mm) Bat
S3
.256” (6.5mm) Bat
E
.450” (11.4mm) Flatted
E2
.256” (6.5mm) Flatted
Toggle dimensions are based on use with
a .350” (8.9mm) bushing; add .070”
(1.78mm) to toggle length when combin-
ing with a .280” (7.1mm) bushing.
Standard Toggle, Bushing, & Terminal Combinations:
S2A2G30, S2A2G40, SS2G30, SS2G40,
LL2G30, & LL2G40
Poles
1
SPDT
2
DPDT
SP3T
3
3PDT
4
4PDT
DP3T
4-pole available
on vertical
models only.
*
*
Cap for Locking Lever
No
Code
Nickel Plated Supplied
with Switch
A
Black
C
Red
G
Blue
IMPORTANT:
Switches are supplied without UL,
cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when
ordered with marking on the switch.
Specific models, ratings, & ordering in-
structions are noted on General Specifi-
cations page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com