Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 44 Page - Lattice Semiconductor

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR2C04A Datasheet(HTML) 44 Page - Lattice Semiconductor

Back Button OR2C04A Datasheet HTML 40Page - Lattice Semiconductor OR2C04A Datasheet HTML 41Page - Lattice Semiconductor OR2C04A Datasheet HTML 42Page - Lattice Semiconductor OR2C04A Datasheet HTML 43Page - Lattice Semiconductor OR2C04A Datasheet HTML 44Page - Lattice Semiconductor OR2C04A Datasheet HTML 45Page - Lattice Semiconductor OR2C04A Datasheet HTML 46Page - Lattice Semiconductor OR2C04A Datasheet HTML 47Page - Lattice Semiconductor OR2C04A Datasheet HTML 48Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
January 2002
44
Lattice Semiconductor
Configuration Data Format (continued)
Using ORCA Foundry to Generate
Configuration RAM Data
The configuration data defines the I/O functionality,
logic, and interconnections. The bit stream is generated
by the development system. The bit stream created by
the bit stream generation tool is a series of 1s and 0s
used to write the FPGA configuration RAM. The bit
stream can be loaded into the FPGA using one of the
configuration modes discussed later. In the bit stream
generator, the designer selects options which affect the
FPGA’s functionality. Using the output of the bit stream
generator, circuit.bit, the development system’s down-
load tool can load the configuration data into the ORCA
series FPGA evaluation board from a PC or worksta-
tion. Alternatively, a user can program a PROM (such
as the ATT1700A Series Serial ROM or a standard
EPROM) and load the FPGA from the PROM. The
development system’s PROM programming tool pro-
duces a file in .mks or .exo format.
Configuration Data Frame
A detailed description of the frame format is shown in
Figure 39. The header frame begins with a series of 1s
and a preamble of 0010, followed by a 24-bit length
count field representing the total number of configura-
tion clocks needed to complete the loading of the
FPGAs. Following the header frame is an optional ID
frame. This frame contains data used to determine if
the bit stream is being loaded to the correct type of
ORCA FPGA (i.e., a bit stream generated for an
OR2C15A is being sent to an OR2C15A). Since the
OR2CxxA devices are bit stream compatible with the
ATT2Cxx, ATT2Txx, OR2TxxA, and OR2TxxB families,
a bit stream from any of these devices will not cause an
error when loaded into an OR2CxxA, OR2TxxA, or
OR2TxxB device. The ID frame has a secondary func-
tion of optionally enabling the parity checking logic for
the rest of the data frames.
The configuration data frames follow. Each frame starts
with a 0 start bit and ends with three or more 1 stop
bits. Following each start bit are four control bits: a pro-
gram bit, set to 1 if this is a data frame; a compress bit,
set to 1 if this is a compressed frame; and the opar and
epar parity bits (see Bit Stream Error Checking). An
11-bit address field that determines in which column
the FPGA is to be written is followed by alignment and
write control bits. For uncompressed frames, the data
bits needed to write one column in the FPGA are next.
For compressed frames, the data bits from the previous
frame are sent to a different FPGA column, as speci-
fied by the new address bits; therefore, new data bits
are not required. When configuration of the current
FPGA is finished, an end-of-configuration frame (where
the program bit is set to 0) is sent to the FPGA. The
length and number of data frames and information on
the PROM size for the Series 3 FPGAs are given in
Table 7.
Table 7. Configuration Frame Size
Devices
OR2C/
2T04A
OR2C/
2T06A
OR2C/
2T08A
OR2C/
2T10A
OR2C/
2T12A
OR2C/
2T15A/B
OR2C/
2T26A
OR2C/
2T40A/B
# of Frames
480
568
656
744
832
920
1096
1378
Data Bits/Frame
110
130
150
170
190
210
250
316
Configuration Data
(# of frames x # of data bits/frame)
52,800
73,840
98,400
126,480
158,080
193,200
274,000
435,448
Maximum Total # Bits/Frame
(align bits, 1 write bit, 8 stop bits)
136
160
176
200
216
240
280
344
Maximum Configuration Data
(# bits x # of frames)
65,280
90,880
115,456
148,800
179,712
220,800
306,880
474,032
Maximum PROM Size (bits)
(add 48-bit header, ID frame, and
40-bit end of configuration frame)
65,504
91,128
115,720
149,088
180,016
221,128
307,248
474,464



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com