Electronic Components Datasheet Search
  English  ▼

X  

UT54ACS273 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT54ACS273
Description  Octal D-Flip-Flops with Clear
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS273 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT54ACS273 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS273 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS273 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS273 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS273 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS273 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS273 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS273 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS273 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
UT54ACS273/UT54ACTS273: SMD
5962
***** ** * * *
*
Lead Finish: (Notes 1 & 2)
A = Solder
C = Gold
X = Optional
Package Type:
X = 20-lead ceramic bottom-brazed dual-in-line Flatpack
R = 20-lead ceramic side-brazed dip
Class Designator:
Q = QML Class Q
V = QML Class V
Device Type:
01
Drawing Number:
96578 = UT54ACS273
96579 = UT54ACTS273
Total Dose: (Notes 3 & 4)
R = 1E5 rads(Si)
F = 3E5 rads(Si)
G = 5E5 rads(Si)
H = 1E6 rads(Si)
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. Total dose radiation must be specified when ordering. QML Q and QML V not available without radiation hardening. For prototype inquiries, contact factory.
4. Device type 02 is only offered with a TID tolerance guarantee of 3E5 rads(Si) or 1E6 rads(Si) and is tested in accordance with MIL-STD-883 Test Method 1019
Condition A and section 3.11.2. Device type 03 is only offered with a TID tolerance guarantee of 1E5 rads(Si), 3E5 rads(Si), and 5E5 rads(Si), and is tested in
accordance with MIL-STD-883 Test Method 1019 Condition A.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com