Electronic Components Datasheet Search
  English  ▼

X  

PI5A4599A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A4599A
Description  SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4599A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A4599A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4599A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4599A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4599A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4599A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4599A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4599A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4599A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS8553
08/10/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A4599A
SOTINY™ Low Resistance,
Low-VoltageSingle-SupplySPDTSwitch
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cp
m
e
T.
)
C
º(n
i
M. )1
(
p
y
T. )2
(
x
a
M. )1
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
si
s
e
R
-
n
OR N
O
I
,
V
3
=
+
V
M
O
C
,
A
m
0
3
–
=
V O
N
V
r
o
C
N
V
5
.
1
=
5
22
10
.
4
1
Ω
ll
u
F7
1
h
c
t
a
M
e
c
n
a
t
si
s
e
R
-
n
O
sl
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
I
,
V
3
.
3
=
+
V
M
O
C
,
A
m
0
3
–
=
V O
N
V
r
o
C
N
V
5
.
2
,
V
8
.
0
=
5
22
.
05
.
0
ll
u
F1
e
c
n
a
t
si
s
e
R
-
n
O
s
s
e
n
t
al
F
)
5
,
3
(
R
)
N
O
(
T
A
L
F
5
25
.
04
ll
u
F5
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V
,
V
3
.
3
=
+
V
O
N
V
r
o
C
N
1
e
r
u
g
i
F
,
V
5
.
1
=
5
25
15
2
s
n
ll
u
F0
4
e
m
i
T
ff
O
-
n
r
u
Tt F
F
O
5
25
.
12
1
ll
u
F0
2
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
Bt M
B
B
3
e
r
u
g
i
F
5
20
1
ll
u
F5
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
2
e
r
u
g
i
F
,
V
0
=
5
23
.
15
C
p
y
l
p
p
u
S
t
n
e
rr
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V
6
.
3
=
+
V
, V N
I
+
V
r
o
V
0
=
ff
o
r
o
n
o
sl
e
n
n
a
h
C
ll
A
ll
u
F1
µA
t
u
p
n
I
c
i
g
o
L
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
IV H
I
l
e
v
el
h
g
i
h
ci
g
o
l
d
e
e
t
n
a
r
a
u
Gll
u
F2
V
e
g
a
tl
o
V
w
o
L
t
u
p
n
IV L
I
l
e
v
el
w
o
l
ci
g
o
l
d
e
e
t
n
a
r
a
u
Gll
u
F8
.
0
t
n
e
rr
u
C
h
g
i
H
t
u
p
n
II H
N
I
V N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
4
.
2
=ll
u
F1
–1
µA
t
n
e
rr
u
C
w
o
L
t
u
p
n
II L
N
I
V N
I
V
4
.
2
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=ll
u
F–1
1
ElectricalSpecifications-Single+3.3VSupply
(V+=+3.3V±10%,GND=0V,VINH=2.4V,VINL=0.8V)
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4. ∆RON =RONmax. - RONmin.
5. Flatness is defined as the difference between the maximum and minimum value of On-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNC) ]. See Figure 4.
8. Between any two switches. See Figure 5.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com