Electronic Components Datasheet Search
  English  ▼

X  

PI49FCT807ATH Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT807ATH
Description  Fast CMOS Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT807ATH Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT807ATH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PI49FCT807/2807T
Fast CMOS Clock Driver
4
PS7008C
06/26/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Test
Switch
Open Drain
Disable LOW
Closed
Enable LOW
All Other Inputs
Open
Definitions:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the
Pulse Generator.
Switch Position
TestsCircuitsForAllOutputs(1)
SwitchingWaveforms
PropagationDelay
Package Skew – tSK(t)
Pulse Skew – tSK(p)
Output Skew – tSK(o)
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
2.0V
0.5V
tR
tF
Input
tPLHx
3V
1.5V
0V
Ox
VOH
1.5V
VOL
tPHLx
tSK(o)
Oy
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
tSK(o) =
 tPLHy • tPLHx  or  tPHLy • tPHLx
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
tSK(p) =
 tPHL • tPLH
Input
tPLH1
3V
1.5V
0V
Package 1
Output
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Output
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
tSK(t) =
 tPLH2 • tPLH1  or  tPHL2 • tPHL1
Pulse
Generator
D.U.T.
VIN
RT
VOUT
CL
500
Ω
500
Ω
50pF
VCC
7.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com