Electronic Components Datasheet Search
  English  ▼

X  

VRG8658-S Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # VRG8658-S
Description  Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8658-S Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  VRG8658-S Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8658-S Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8658-S Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8658-S Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8658-S Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8658-S Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8658-S Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SCD8657 Rev K 5/15/12
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RANGE
UNITS
Input Voltage
25+VREF
VDC
Lead temperature (soldering 10 Sec)
300
°C
Input Output Differential
25
VDC
Output Voltage
+25
VDC
DC Output Current
1.5
A
ESD (MIL-STD-883, M3015, Class 3A)
>4000
V
Operating Junction Temperature Range
-55 to +150
°C
Storage Temperature Range
-65 to +150
°C
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are
stress rating only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure
beyond the "Operation Conditions" may effect device reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
RANGE
UNITS
Output Voltage Range
1.275 to 23
VDC
Input Output Differential
3/
1.5 to 25
VDC
Case Operating Temperature Range
-55 to +125
°C
Thermal Resistance, Junction to case
JC
5°C/W
ELECTRICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, -55°C<TC<+125°C
PARAMETER
SYM
CONDITIONS (P
PMAX)
MIN
MAX
UNITS
Reference Voltage 2/ 3/
VREF
1.5V < VIN - VOUT < 15V, 10mA < IOUT < 1.0A
1.210
1.275
V
Line Regulation 2/ 3/ILOAD = 10mA, 1.5V < VIN - VOUT < 15V
-
0.25
%
Load Regulation 2/ 3/10mA < IOUT < 1.0A, VIN - VOUT = 3V
-
0.3
%
Dropout Voltage 2/ 4/
VDROP
VREF = 1%, IOUT = 1.0A
-1.30
V
Adjust Pin Current 2/
-
-120
µA
Adjust Pin Current Change
2/
-
10 mA < IOUT < 1A, 1.5V < VIN - VOUT < 15V
-
5
µA
Current Limit 2/ 6/
IMAX
VIN - VOUT = 5V
VIN - VOUT < 25V
1.5
0.047
-
-
A
A
Minimum Load Current 5/
IMIN
VIN - VOUT = 25V
-
10
mA
Ripple Rejection 3/
-
IOUT = 1.0A, VIN - VOUT = 3V, f = 120Hz,
CADJ = COUT = 25µF
60
-
dB
Thermal Regulation
-
30ms pulse, TC = +25°C
-
0.04
%/W
VREF Long-Term Stability
5/
-
Burn In: TC = +125°C @ 1000hrs minimum, tested @
25°C
-0.3
%
Notes:
1/ For compliance with MIL-STD- 883 revision C current density specification, the RH1086MK is derated to 1 Amp but is capable of
1.5 Amps.
3/ Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
input/output differential voltage and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output voltage range.
4/ Dropout voltage is specified over the full output current range of the device.
5/ Not tested. Shall be guaranteed by design, characterization, or correlation to other tested parameters.
6/ Pulsed @ <10% duty cycle @ +25°C (See Note 1).
VOUT
VIN
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com