Electronic Components Datasheet Search
  English  ▼

X  

VRG8687 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # VRG8687
Description  Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8687 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  VRG8687 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
EXPORT CONTROL:
EXPORT WARNING:
This product is controlled for export under the International Traffic in
Arms Regulations (ITAR). A license from the U.S. Department of
State is required prior to the export of this product from the United
States.
Aeroflex’s military and space products are controlled for export under
the International Traffic in Arms Regulations (ITAR) and may not be
sold or proposed or offered for sale to certain countries. (See ITAR
126.1 for complete information.)
SCD8687 Rev C 4/9/14
www .aero f lex.co m
in fo-a ms@ aeroflex . com
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications, design,
function, or form of its products described herein. All
parameters must be validated for each customer's application
by engineering. No liability is assumed as a result of use of
this product. No patent licenses are implied.
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
LT, LTC
,
, Linear Technology and the Linear logo are registered trademarks and RH1084 is copyright Linear Technology Corporation.
For detailed performance characteristic curves, applications information and typical applications see the latest
datasheet for their RH1084, which is available on-line at www.linear.com.
ORDERING INFORMATION
Model
DLA SMD #
Screening
Package
VRG8687-7
-
Commercial Flow, +25°C testing only
8 Lead
Thru-Hole
Power Pkg
VRG8687-201-1S
5962-1021302KUC
In accordance with DLA SMD
VRG8687-201-2S
5962-1021302KUA
VRG8687-901-1S
5962R1021302KUC
In accordance with DLA Certified RHA Program Plan to RHA
Level "R", 100krads(Si)
VRG8687-901-2S
5962R1021302KUA
VRG8688-7
-
Commercial Flow, +25°C testing only
8 Lead
Surface Mount
Power Pkg
VRG8688-201-1S
5962-1021302KZC
In accordance with DLA SMD
VRG8688-201-2S
5962-1021302KZA
VRG8688-901-1S
5962R1021302KZC
In accordance with DLA Certified RHA Program Plan to RHA
Level "R", 100krads(Si)
VRG8688-901-2S
5962R1021302KZA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com