Electronic Components Datasheet Search
  English  ▼

X  

PSKT9608 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSKT9608
Description  THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PSKT9608 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSKT9608 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSKT9608 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thyristor Modules
PSKT 96
I
TRMS = 2x180 A
Thyristor/Thyristor Modules
I
TAVM = 2x105 A
V
RRM= 600-1800V
Preliminary Data Sheet
Features
•
Isolation voltage 3600 V
∼
•
Planar glass passivated chips
•
Low forward voltage drop
•
Leads suitable for PC board
soldering
•
UL registered, E 148688
Applications
•
DC motor control
•
Light and temperature control
•
Softstart AC motor controller
•
Solid state switches
Advantages
•
Easy to mount with two screws
•
Space and weight savings
•
Improved temperature and power
cycling capability
•
High power density
•
Small and light weight
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
700
600 PSKT 96/06
900
800 PSKT 96/08
1300 1200 PSKT 96/12
1500 1400 PSKT 96/14
1700 1600 PSKT 96/16
1900 1800 PSKT 96/18
Symbol
Test Conditions
Maximum Ratings
Data according to IEC 60747 refer to a single thyristor unless otherwise stated
I
TRMS
180
A
I
TAVM
T
C = 85 °C,
180° sine
105
A
I
TSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
2250
A
V
R = 0
t = 8.3 ms (60 Hz), sine
2400
A
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
2000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
2150
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
25300
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
23900
A²s
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
20000
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
19100
A²s
(di/dt)
cr
T
VJ = 125 °C
repetitive, I
T = 250 A
150
A/µs
f=50Hz, t
P=200µs
V
D=2/3VDRM
I
G=0.45 A
non repetitive,I
T = ITAVM
500
A/µs
di
G/dt=0.45A/µs
(dv/dt)
cr
T
VJ = 125 °C
V
D=2/3VDRM
1000
V/µs
R
GK= ∞, method 1 (linear voltage rise)
P
GM
T
VJ = 125 °C
t
P=30µs
≤ 10
W
I
T =ITAVM
t
P=300µs
≤ 5
W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40... + 125
°C
T
VJM
125
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
3000
V
∼
I
ISOL ≤ 1 mA
t = 1 s
3600
V
∼
M
d
Mounting torque
(M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
Weight
typ.
24
g
IK-10
VX-18
AC-1
S-16
E-3


Similar Part No. - PSKT9608

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKT96 POWERSEM-PSKT96 Datasheet
101Kb / 2P
Thyristor Modules
More results

Similar Description - PSKT9608

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
Thyristor-Thyristor Modules
STT100 SIRECTIFIER-STT100 Datasheet
915Kb / 4P
Thyristor-Thyristor Modules
STT27 SIRECTIFIER-STT27 Datasheet
591Kb / 4P
Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
Thyristor-Thyristor Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com