Electronic Components Datasheet Search
  English  ▼

X  

PST7021 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST7021
Description  System Reset Monolithic IC PST70XX Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST7021 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST7021 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST7021 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST7021 Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUMI
System Reset PST70XX
Absolute Maximum Ratings (Ta=25°C)
Electrical Characteristics (Ta=25°C) (Except where noted otherwise, resistance unit is Ω)
Equivalent Circuit Diagram
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
-0.3~+10
V
Allowable loss
Pd
200 (MMP-3A)
mW
300 (TO-92A)
Item
Symbol
Measurement conditions Measurement circuit Min. Typ. Max.
Units
4.6~
Detection voltage
VS
RL=470 VCC=H
L
1
VS typ. 1.9 VS typ.
V
-2% (0.1V +2%
Step)
Hysteresis voltage
VS
RL=470 VCC=L
H
L
1
30
50
100
mV
Detection voltage
VS/
T
RL=470 Ta=-20~+75°C
1
±0.01
%/°C
temperature coefficient
Low-level output voltage
VOL
VCC=VS min. -0.05V
1
0.2
0.4
V
RL=470
Output leakage current
IOH
VCC=10.0V
1
0.1
µA
Circuit current while on
ICCL
VCC=VS min. -0.05V
1
3.0
6.0
µA
RL=
∞
Circuit current while off
ICCH
VCC=VS typ. /0.85V
1
2.0
4.0
µA
RL=
∞
"H"transport delay time
tPLH
RL=4.7k
7046~24
2
5
30
µs
CL=100pF
7023~19
2
10
30
"L"transport delay time
tPHL
RL=4.7k
7046~24
2
30
70
µs
CL=100pF
7023~19
2
70
150
Operation limit voltage
VOPL
RL=4.7k VOL <
= 0.4V
1
0.65
0.85
V
Output current while on 1
IOL1
VCC=VS min. -0.05V
1
8
30
mA
RL=0
Output current while on 2
IOL2
VCC=Vs min. -0.05V RL=0
15
mA
Ta=-20°C~+75°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com